Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5255-3.0BML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5255-3.0BML
Description  150mA Low Noise UCap CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5255-3.0BML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5255-3.0BML Datasheet HTML 1Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 2Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 3Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 4Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 5Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 6Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 7Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 8Page - Micrel Semiconductor MIC5255-3.0BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
August, 2004
1
M0385-080204
MIC5255
Micrel
MIC5255
150mA Low Noise
µCap CMOS LDO
General Description
The MIC5255 is an efficient, precise CMOS voltage regulator
optimized for ultra-low-noise applications. It offers 1% initial
accuracy, extremely-low dropout voltage (135mV at 150mA)
and low ground current (typically 90
µA). The MIC5255 pro-
vides a very-low-noise output, ideal for RF applications
where a clean voltage source is required. A noise bypass pin
is also available for further reduction of output noise.
Designed specifically for handheld and battery-powered de-
vices, the MIC5255 provides a TTL-logic-compatible enable
pin. When disabled, power consumption drops nearly to zero.
The MIC5255 also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power
applications, critical in handheld wireless devices.
Key features include current limit, thermal shutdown, faster
transient response, and an active clamp to speed up device
turn-off. Available in the 6-pin 2mm
× 2mm MLF™ package,
the IttyBitty® SOT-23-5 package and the new Thin SOT-23-
5, which offers the same footprint as the standard IttyBitty®
SOT-23-5, but only 1mm tall. The MIC5255 offers a range of
output voltages.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
Features
• Input voltage range: 2.7V to 6.0V
• Thin SOT package: 1mm height SOT-23-5
• Ultra-low output noise: 30
µV(rms)
• Stability with ceramic output capacitors
• Ultra-low dropout: 135mV @ 150mA
• High output accuracy:
1.0% initial accuracy
2.0% over temperature
• Low quiescent current: 90
µA
• Tight load and line regulation
• TTL-Logic-controlled enable input
• “Zero” off-mode current
• Thermal shutdown and current limit protection
Applications
• Cellular phones and pagers
• Cellular accessories
• Battery-powered equipment
• Laptop, notebook, and palmtop computers
• Consumer/personal electronics
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000• http://www.micrel.com
IttyBitty is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are trademarks of Amkor Technology.
Typical Application
COUT = 1.0µF
CIN = 1.0µF
Ceramic
Ceramic
15
2
3
4
CBYP = 0.01µF
Enable
Shutdown
EN
VOUT
MIC5255-x.xBM5
EN (pin 3) may be
connected directly
to IN (pin 1).
VIN
MIC5255-x.xBML
1
EN
6
CBYP
(optional)
VIN
VOUT
COUT
5
4
2
3
ENABLE
SHUTDOWN
Ultra-Low-Noise Regulator Application


Similar Part No. - MIC5255-3.0BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255-3.0BML MICREL-MIC5255-3.0BML Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
More results

Similar Description - MIC5255-3.0BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5255 MICREL-MIC5255_06 Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5259 MICREL-MIC5259 Datasheet
3Mb / 9P
   300mA High PSRR, Low Noise UCap CMOS LDO
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com