Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5255-2.9BM5 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5255-2.9BM5
Description  150mA Low Noise UCap CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5255-2.9BM5 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5255-2.9BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 10Page - Micrel Semiconductor MIC5255-2.9BM5 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
August, 2004
9
M0385-080204
MIC5255
Micrel
Applications Information
Enable/Shutdown
The MIC5255 comes with an active-high enable pin that
allows the regulator to be disabled. Forcing the enable pin low
disables the regulator and sends it into a “zero” off-mode-
current state. In this state, current consumed by the regulator
goes nearly to zero. Forcing the enable pin high enables the
output voltage. This part is CMOS and the enable pin cannot
be left floating; a floating enable pin may cause an indetermi-
nate state on the output.
Input Capacitor
The MIC5255 is a high performance, high bandwidth device.
Therefore, it requires a well-bypassed input supply for opti-
mal performance. A 1
µF capacitor is required from the input
to ground to provide stability. Low-ESR ceramic capacitors
provide optimal performance at a minimum of space. Addi-
tional high frequency capacitors, such as small valued NPO
dielectric type capacitors, help filter out high frequency noise
and are good practice in any RF-based circuit.
Output Capacitor
The MIC5255 requires an output capacitor for stability. The
design requires 1
µF or greater on the output to maintain
stability. The design is optimized for use with low-ESR
ceramic chip capacitors. High ESR capacitors may cause
high frequency oscillation. The maximum recommended
ESR is 300m
Ω. The output capacitor can be increased, but
performance has been optimized for a 1
µF ceramic output
capacitor and does not improve significantly with larger
capacitance.
X7R/X5R dielectric-type ceramic capacitors are recom-
mended because of their temperature performance. X7R-
type capacitors change capacitance by 15% over their oper-
ating temperature range and are the most stable type of
ceramic capacitors. Z5U and Y5V dielectric capacitors change
value by as much as 50% and 60%, respectively, over their
operating temperature ranges. To use a ceramic chip capaci-
tor with Y5V dielectric, the value must be much higher than an
X7R ceramic capacitor to ensure the same minimum capaci-
tance over the equivalent operating temperature range.
Bypass Capacitor
A capacitor can be placed from the noise bypass pin to
ground to reduce output voltage noise. The capacitor by-
passes the internal reference. A 0.01
µF capacitor is recom-
mended for applications that require low-noise outputs. The
bypass capacitor can be increased, further reducing noise
and improving PSRR. Turn-on time increases slightly with
respect to bypass capacitance. A unique quick-start circuit
allows the MIC5255 to drive a large capacitor on the bypass
pin without significantly slowing turn-on time. Refer to the
“Typical Characteristics” section for performance with differ-
ent bypass capacitors.
Active Shutdown
The MIC5255 also features an active shutdown clamp, which
is an N-Channel MOSFET that turns on when the device is
disabled. This allows the output capacitor and load to dis-
charge, de-energizing the load.
No-Load Stability
The MIC5255 will remain stable and in regulation with no load
unlike many other voltage regulators. This is especially
important in CMOS RAM keep-alive applications.
Thermal Considerations
The MIC5255 is designed to provide 150mA of continuous
current in a very small package. Maximum power dissipation
can be calculated based on the output current and the voltage
drop across the part. To determine the maximum power
dissipation of the package, use the junction-to-ambient ther-
mal resistance of the device and the following basic equation:
P (max)
T (max) T
D
JA
JA
=


θ
T
J(max) is the maximum junction temperature of the die,
125
°C, and T
A is the ambient operating temperature. θJA is
layout dependent; Table 1 shows examples of junction-to-
ambient thermal resistance for the MIC5255.
Package
θθθθθ
JA Recommended
θθθθθ
JA 1" Square
θθθθθ
JC
Minimum Footprint
Copper Clad
SOT-23-5
235
°C/W
185
°C/W
145
°C/W
(M5 or D5)
Table 1. SOT-23-5 Thermal Resistance
The actual power dissipation of the regulator circuit can be
determined using the equation:
P
D = (VIN – VOUT) IOUT + VIN IGND
Substituting P
D(max) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit. For
example, when operating the MIC5255-3.0BM5 at 50
°C with
a minimum footprint layout, the maximum input voltage for a
set output current can be determined as follows:
P (max)
125 C
50 C
235 C/W
D
=
°−
°
°


P
D(max) = 315mW
The junction-to-ambient thermal resistance for the minimum
footprint is 235
°C/W, from Table 1. The maximum power
dissipation must not be exceeded for proper operation. Using
the output voltage of 3.0V and an output current of 150mA,
the maximum input voltage can be determined. Because this
device is CMOS and the ground current is typically 100
µA
over the load range, the power dissipation contributed by the
ground current is < 1% and can be ignored for this calculation:
315mW = (V
IN – 3.0V) 150mA
315mW = V
IN × 150mA – 450mW
810mW = V
IN × 150mA
V
IN(max) = 5.4V
Therefore, a 3.0V application at 150mA of output current can
accept a maximum input voltage of 5.4V in a SOT-23-5
package. For a full discussion of heat sinking and thermal
effects on voltage regulators, refer to the
“Regulator Thermals”
section of Micrel’s Designing with Low-Dropout Voltage Regu-
lators handbook.


Similar Part No. - MIC5255-2.9BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255-2.9BM5 MICREL-MIC5255-2.9BM5 Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
More results

Similar Description - MIC5255-2.9BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5255 MICREL-MIC5255_06 Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5259 MICREL-MIC5259 Datasheet
3Mb / 9P
   300mA High PSRR, Low Noise UCap CMOS LDO
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com