Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1433 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM1433
Description  IC for Control of Lithium-ion Batteries Charging
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1433 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM1433 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1433 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1433 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1433 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1433 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1433 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1433 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1433 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1433 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MITSUMI
IC for Control of Lithium-ion Batteries Charging MM1433
Pin No. Pin name
I/O
Functions
Temperature detection input pin
12
TDET
Input
Apply potential resistance divided by external resistor and thermistor from
reference voltage when using. Reset state will exist if TDET pin does not reach
the specified potential.
13
BAT1
Input
Battery voltage input pins
14
BAT2
Input
Detect battery voltage and control charging.
Current detection pin
15
CS
Input
Detects current by external resistor (between CS and BAT) voltage drop and
controls charging current.
Rated current control phase compensation pin
16
CFB
Input
Oscillation is improved by connecting an external capacitor (around 100pf)
between CFB and CNT for phase compensation.
17
CNT
Output
Charging control output pin
Controls external PNP-Tr base for rated current rated voltage charging.
18
VCC
Input
Power supply input pin
Rated voltage control adjustment pin
19
ADJ5
Input
Allows fine adjustment of rated voltage value. For example, rated voltage value
rises by around 15mV (at 4.1V typ.) when ADJ5-GND is shorted.
Overvoltage detection output pin
20
VOUT
Output
For VCC overvoltage input: L
For VCC recommended operating voltage: H
21
LED G
Output
LED C control output pin
NPN-Tr open collector output. Refer to the flow chart for ON/OFF.
22
LED R
Output
LED R control output pin
NPN-Tr open collector output. Refer to the flow chart for ON/OFF.
Oscillator output pin
Timer setting time changes according to oscillation frequency.
23
OSC OUT
Output
Oscillation frequency is determined by an external resistor (connected between
OSC OUT and OSC FB) and capacitor (connected between OSC FB and GND).
For example, the full charge timer setting is 4H for external resistor of 130k
Ω and
capacitor of 0.01µF.
24
OSC FB-
Input
Oscillator inverted input pin


Similar Part No. - MM1433

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1433 MITSUMI-MM1433 Datasheet
204Kb / 18P
   Lithium-Ion Battery Charge Control (1 to 2 cells)
MM1433_ MITSUMI-MM1433_ Datasheet
204Kb / 18P
   Lithium-Ion Battery Charge Control (1 to 2 cells)
More results

Similar Description - MM1433

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1332 MITSUMI-MM1332 Datasheet
93Kb / 4P
   Control of Lithium Ion Batteries Charging
MM1438 MITSUMI-MM1438 Datasheet
142Kb / 7P
   IC for Control of Lithium-ion Betteries Charging
MM1357 MITSUMI-MM1357 Datasheet
149Kb / 6P
   Control of Lithium Ion Batteries Monolithic IC
MM1412 MITSUMI-MM1412 Datasheet
170Kb / 7P
   Protection of Lithium-Ion Batteries Monolithic IC
MM1414 MITSUMI-MM1414 Datasheet
243Kb / 9P
   Protection of Lithium Ion Batteries
MM1214 MITSUMI-MM1214 Datasheet
105Kb / 4P
   Control of Lithium Ion Battery Charging and Discharging
MM1248 MITSUMI-MM1248 Datasheet
210Kb / 8P
   Control of Lithium Ion Battery Charging and Discharging
logo
Mitsubishi Electric Sem...
MM1301 MITSUBISHI-MM1301 Datasheet
95Kb / 5P
   Protection of Lithium Ion Batteries (one cell) Monolithic IC
logo
Mitsumi Electronics, Co...
PST7XXX MITSUMI-PST7XXX Datasheet
109Kb / 5P
   Protection of Lithium-Ion Batteries (for Double-Protect) Monolithic IC PST7XXX
logo
Mitsubishi Electric Sem...
MM1451 MITSUBISHI-MM1451 Datasheet
145Kb / 7P
   Protection of Lithium-Ion Batteries (for Double-Protect)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com