Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5255-2.8BML Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5255-2.8BML
Description  150mA Low Noise UCap CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5255-2.8BML Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5255-2.8BML Datasheet HTML 3Page - Micrel Semiconductor MIC5255-2.8BML Datasheet HTML 4Page - Micrel Semiconductor MIC5255-2.8BML Datasheet HTML 5Page - Micrel Semiconductor MIC5255-2.8BML Datasheet HTML 6Page - Micrel Semiconductor MIC5255-2.8BML Datasheet HTML 7Page - Micrel Semiconductor MIC5255-2.8BML Datasheet HTML 8Page - Micrel Semiconductor MIC5255-2.8BML Datasheet HTML 9Page - Micrel Semiconductor MIC5255-2.8BML Datasheet HTML 10Page - Micrel Semiconductor MIC5255-2.8BML Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
August, 2004
11
M0385-080204
MIC5255
Micrel
MICREL, INC.
1849 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 944-0970 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2004 Micrel, Incorporated.
Package Information (continued)
TOP VIEW
BOTTOM VIEW
SIDE VIEW
Rev. 02
DIMENSIONS IN
MILLIMETERS
6-Pin MLF™ (ML)


Similar Part No. - MIC5255-2.8BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255-2.8BML MICREL-MIC5255-2.8BML Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
More results

Similar Description - MIC5255-2.8BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5255 MICREL-MIC5255_06 Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5259 MICREL-MIC5259 Datasheet
3Mb / 9P
   300mA High PSRR, Low Noise UCap CMOS LDO
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com