Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK1411 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part No. 2SK1411
Description  Drain Current –ID=20A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1411 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK1411 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1411 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK1411
DESCRIPTION
·Drain Current
–I
D=20A@ TC=25℃
·Drain Source Voltage-
: VDSS=500 (Min)
APPLICATIONS
·Designed especially for high voltage,high speed applications,
such as off-line switching power supplies , UPS,AC and DC
motor controls,relay and solenoid drivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNI
T
VDSS
Drain-Source Voltage (VGS=0)
500
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=25℃
20
A
Ptot
Total Dissipation@TC=25℃
250
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
PDF pdfFactory Pro
www.fineprint.cn


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn