Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK1410 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part No. 2SK1410
Description  Drain Current –ID=16A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1410 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1410 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1410 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1410
·ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0; ID= 10mA
500
V
VGS(th)
Gate Threshold Voltage
VDS= 0V; ID=1mA
2.0
3.0
4.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS=10V; ID=8A
0.40
Ω
IGSS
Gate Source Leakage Current
VGS= ±20V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=500V; VGS= 0
500
uA
PDF pdfFactory Pro
www.fineprint.cn


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn