Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4X16E43V Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. 4X16E43V
Description  4 MEG x 16 EDO DRAM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 8 page
background image
8
Icc OPERATING CONDITIONS AND MAXIMUM LIMITS
(Notes: 1, 2, 3, 5, 6) (VCC = +3.3V ±0.3V)
PARAMETER/CONDITION
SYMBOL SPEED
4K
8K
UNITS NOTES
STANDBY CURRENT: TTL
ICC1
ALL
1
1
mA
(RAS# = CAS# = VIH)
STANDBY CURRENT: CMOS
(RAS# = CAS# ³ VCC - 0.2V; DQs may be left open;
ICC2
ALL
500
500
µA
Other inputs: VIN ³ VCC - 0.2V or VIN £ 0.2V)
OPERATING CURRENT: Random READ/WRITE
ICC3
-5
150
115
mA
26
Average power supply current
-6
165
130
(RAS#, CAS#, address cycling: tRC = tRC [MIN])
OPERATING CURRENT: EDO PAGE MODE
ICC4
-5
120
120
mA
26
Average power supply current
-6
125
125
(RAS# = VIL, CAS#, address cycling: tPC = tPC [MIN])
REFRESH CURRENT: RAS#-ONLY
ICC5
-5
150
115
mA
22
Average power supply current
-6
165
130
(RAS# cycling, CAS# = VIH: tRC = tRC [MIN])
REFRESH CURRENT: CBR
ICC6
-5
150
150
mA
4, 7,
Average power supply current
-6
165
165
23
(RAS#, CAS#, address cycling: tRC = tRC [MIN])
REFRESH CURRENT: Extended
CC
7
ALL
400
400
µA
4, 7,
Average power supply current: CAS# = 0.2V or CBR cycling;
23, 37
RAS# = tRAS (MIN); WE# = VCC - 0.2V; A0-A10, OE# and
DIN = VCC - 0.2V or 0.2V (DIN may be left open); tRC = 125µs
REFRESH CURRENT: Self
CC
8
ALL
350
350
µA
4, 7,
Average power supply current: CBR with RAS# ³ tRASS (MIN)
37
and CAS# held LOW; WE# = VCC - 0.2V; A0-A10, OE# and
DIN = VCC - 0.2V or 0.2V (DIN may be left open)
MAX
4 MEG x 16
EDO DRAM




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MT4LC4M4E84 MEG x 4 EDO DRAM 1 2 3 4 5 MoreMicron Technology
LC321667BJ1 MEG 65536 words X 16 bits DRAM EDO Page Mode Byte Write   1 2 3 4 5 MoreSanyo Semicon Device
MT4C4007J1 MEG x 4 DRAM 5V EDO PAGE MODE OPTIONAL SELF REFRESH 1 2 3 4 5 MoreMicron Technology
MSC23CV43257A4 194 304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO 1 2 3 4 5 MoreOKI electronic componets
MT4C400054 MEG x 4 DRAM 1 Micron Technology
MSC2323258A2 097 152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO 1 2 3 4 5 MoreOKI electronic componets
MT8D1321 MEG 2 MEG x 32 DRAM MODULES 1 2 3 4 5 MoreMicron Technology
MSC23V26457TA2 097 152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO 1 2 3 4 5 MoreOKI electronic componets
HY51VS17403HG4M x 4Bit EDO DRAM 1 2 3 4 5 MoreHynix Semiconductor
MT16D2322 MEG x 32 DRAM 1 2 3 4 5 MoreMicron Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl