Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

6429 Datasheet(PDF) 1 Page - Alpha Wire

Part No. 6429
Description  CUSTOMER PRODUCT SPECIFICATION
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALPHAWIRE [Alpha Wire]
Homepage  http://www.alphawire.com
Logo 

6429 Datasheet(HTML) 1 Page - Alpha Wire

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Number: 6429
Issue:
4
Page 1 of 2 Pages
Issue Date:
5/26/2005
Effective Date:
8/1/2005
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (In)
1) Component 1
4 X 1 PAIR
a) Conductor
18 (19/30) AWG TC
b) Insulation
0.016" Wall, Nom. PVC
0.082
(1) Print
ALPHA NUMERIC NUMBERS - 1-ONE ALTERNATING AND
INVERTED
(2) Color Code
Alpha Wire Company Color Code BR
Pair
Color
Pair
Color
Pair
Color
1
BLACK#1-RED#1
3
BLACK#3-RED#3
2
BLACK#2-RED#2
4
BLACK#4-RED#4
c)
Pair
2/Cond Cabled Together
(1) Twists:
4.8 Twists/foot (approx.)
2) Cable Assembly
4 Components Cabled
a) Twists:
2.5 Twists/foot (min)
b) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction
Foil Facing In
b) Drain Wire
20 (7/.0121) AWG TC
4) Jacket
0.053" Wall, Nom.,PVC
0.438 (0.456 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6429 4PR 18 AWG
SHIELDED 105C (UL) TYPE PLTC SUN. RES. OR
TYPE CM --- LLXXXXXX CSA TYPE CMG FT4
ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
B.
Industry Approvals
1) UL
CM
105°C
PLTC
105°C
SUN RES
2) CSA International
CMG
60°C
FT4
3) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU
Directive 2002/95/EU regarding the restriction of use of certain hazardous
substances in electrical and electronic equipment. Consult Alpha Wire's web site for
compliance Date of Manufacture.
4) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
C.
Physical & Mechanical Properties
1) Temperature Range
-20 to 105°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
127 Lbs, Maximum
D.
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Mutual Capacitance
40 pf/ft @1 kHz, Nominal
3) Ground Capacitance
72 pf/ft @1 kHz, Nominal
4) Characteristic Impedance
57 Ω
5) Inductance
0.17 µH/ft, Nominal
6) Conductor DCR
6.1 Ω/1000ft @20°C, Nominal
7) OA Shield DCR
7.9 Ω/1000ft @20°C, Nominal
E.
Other
1) Packaging
a) 1000 FT


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn