Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C146-45JC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C146-45JC
Description  2Kx8 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C146-45JC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C146-45JC Datasheet HTML 1Page - Cypress Semiconductor CY7C146-45JC Datasheet HTML 2Page - Cypress Semiconductor CY7C146-45JC Datasheet HTML 3Page - Cypress Semiconductor CY7C146-45JC Datasheet HTML 4Page - Cypress Semiconductor CY7C146-45JC Datasheet HTML 5Page - Cypress Semiconductor CY7C146-45JC Datasheet HTML 6Page - Cypress Semiconductor CY7C146-45JC Datasheet HTML 7Page - Cypress Semiconductor CY7C146-45JC Datasheet HTML 8Page - Cypress Semiconductor CY7C146-45JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CY7C132/CY7C136
CY7C142/CY7C146
4
]
AC Test Loads and Waveforms
3.0V
5V
OUTPUT
R1893
R2
347
30 pF
INCLUDING
JIGAND
SCOPE
GND
90%
90%
10%
<5 ns
<5 ns
5V
OUTPUT
C132-5
R1893
R2
347
5pF
INCLUDING
JIGAND
SCOPE
C132-6
(a)
(b)
OUTPUT
1.4V
Equivalent to:
THVÉNIN EQUIVALENT
5V
281
30pF
BUSY
OR
INT
BUSYOutput Load
(CY7C132/CY7C136 ONLY)
10%
ALL INPUT PULSES
250
Switching Characteristics Over the Operating Range[6, 11]
Parameter
Description
7C136-15[3,4]
7C146-15
7C132-25[3]
7C136-25
7C142-25
7C146-25
7C132-30
7C136-30
7C142-30
7C146-30
Unit
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
15
25
30
ns
tAA
Address to Data Valid[12]
15
25
30
ns
tOHA
Data Hold from Address Change
0
0
0
ns
tACE
CE LOW to Data Valid[12]
15
25
30
ns
tDOE
OE LOW to Data Valid[12]
10
15
20
ns
tLZOE
OE LOW to Low Z[10, 13]
3
3
3
ns
tHZOE
OE HIGH to High Z[10, 13, 14]
10
15
15
ns
tLZCE
CE LOW to Low Z[10, 13]
3
5
5
ns
tHZCE
CE HIGH to High Z[10, 13, 14]
10
15
15
ns
tPU
CE LOW to Power-Up[10]
0
0
0
ns
tPD
CE HIGH to Power-Down[10]
15
25
25
ns
WRITE CYCLE[15]
tWC
Write Cycle Time
15
25
30
ns
tSCE
CE LOW to Write End
12
20
25
ns
tAW
Address Set-Up to Write End
12
20
25
ns
tHA
Address Hold from Write End
2
2
2
ns
tSA
Address Set-Up to Write Start
0
0
0
ns
tPWE
R/W Pulse Width
12
15
25
ns
tSD
Data Set-Up to Write End
10
15
15
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE
R/W LOW to High Z [10]
10
15
15
ns
tLZWE
R/W HIGH to Low Z [10]
0
0
0
ns


Similar Part No. - CY7C146-45JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C146-45JC CYPRESS-CY7C146-45JC Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146-45JC CYPRESS-CY7C146-45JC Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C146-45JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B141 CYPRESS-CY7B141 Datasheet
437Kb / 14P
   1Kx8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633_17 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9389 IDT-IDT70V9389_18 Datasheet
251Kb / 19P
   SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
   2K x 16 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com