Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV715 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV715
Description  Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV715 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV715 Datasheet HTML 1Page - National Semiconductor (TI) LMV715 Datasheet HTML 2Page - National Semiconductor (TI) LMV715 Datasheet HTML 3Page - National Semiconductor (TI) LMV715 Datasheet HTML 4Page - National Semiconductor (TI) LMV715 Datasheet HTML 5Page - National Semiconductor (TI) LMV715 Datasheet HTML 6Page - National Semiconductor (TI) LMV715 Datasheet HTML 7Page - National Semiconductor (TI) LMV715 Datasheet HTML 8Page - National Semiconductor (TI) LMV715 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5V, V = 0V, V
CM = 2.5V, and RL > 1M
Ω. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 6)
Limits
(Note 7)
Units
I
SC
Output Short Circuit Current
Sourcing
V
O =0V
35
25
21
mA
min
Sinking
V
O =5V
40
25
21
mA
min
V
O
Output Swing
R
L = 10k
Ω to 2.5V
4.98
4.92
4.90
V
min
0.01
0.12
0.15
V
max
R
L = 600
Ω to 2.5V
4.85
4.82
4.80
V
min
0.05
0.23
0.3
V
max
V
O (SD)
Output Voltage Level in
Shutdown Mode (LMV711 only)
50
200
mV
I
O (SD)
Output Leakage Current in
Shutdown Mode (LMV715 Only)
1pA
C
O (SD)
Output Capacitance in
shutdown Mode (LMV715 Only)
32
pF
I
S
Supply Current
On Mode
1.17
1.7
1.9
mA
max
Shutdown Mode
0.2
10
µA
A
V
Large Signal Voltage Gain
Sourcing
R
L = 10k
V
O = 2.5V to 4.6V
123
80
76
dB
min
Sinking
R
L = 10k
V
O = 0.4V to 2.5V
120
80
76
dB
min
Sourcing
R
L = 600
V
O = 2.5V to 4.5V
110
80
76
dB
min
Sinking
R
L = 600
V
O = 0.5V to 2.5V
118
80
76
dB
min
SR
Slew Rate
(Note 8)
5
V/µs
GBWP
Gain-Bandwidth Product
5
MHz
φ
m
Phase Margin
60
Deg
T
ON
Turn-on Time from Shutdown
<10
µs
V
SD
Shutdown Pin Voltage Range
ON Mode
2 to 5
2.4 to 5
V
Shutdown Mode
0 to 1.5
0 to 0.8
e
n
Input-Referred Voltage Noise
f = 1kHz
20
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100pF. Machine model, 0Ω in series with 100pF.
Note 3: Shorting circuit output to V+ will adversely affect reliability.
Note 4: Shorting circuit output to Vwill adversely affect reliability.
Note 5: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(max) -T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 6: Typical values represent the most likely parametric norm.
Note 7: All limits are guaranteed by testing or statistical analysis.
Note 8: Number specified is the slower of the positive and negative slew rates.
www.national.com
4


Similar Part No. - LMV715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV715 TI-LMV715 Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
LMV715 TI1-LMV715 Datasheet
483Kb / 20P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
LMV715-N TI-LMV715-N Datasheet
1Mb / 25P
[Old version datasheet]   LMV710-N/LMV711/LMV715 Low Power, RRIO Operational Amplifiers with High Output
LMV715-N TI1-LMV715-N Datasheet
775Kb / 25P
[Old version datasheet]   Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
LMV715IDBVR TI-LMV715IDBVR Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
More results

Similar Description - LMV715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV710-N TI1-LMV710-N_16 Datasheet
775Kb / 25P
[Old version datasheet]   Low-Power, RRIO Operational Amplifiers With High Output Current Drive and Shutdown Option
LMV710 TI1-LMV710 Datasheet
483Kb / 20P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
LMV710 TI-LMV710 Datasheet
404Kb / 15P
[Old version datasheet]   SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4110 TI1-TLV4110_13 Datasheet
1Mb / 35P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV981-N NSC-LMV981-N Datasheet
1Mb / 27P
   Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
TLV4120 TI-TLV4120 Datasheet
350Kb / 20P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
TLV4120 TI1-TLV4120_14 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH OUTPUT CURRENT DIFFERENTIAL DRIVE OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com