Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCL1700-D01 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SCL1700-D01
Description  Maximum Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCL1700-D01 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SCL1700-D01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCL1700-D01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
SCL1700-D01
Specifications
Output Type
Analog
Axis
2
Maximum Range
±10deg
Supply Voltage
7-35V
Offset Temp. Characteristc
±0.2deg
Sensitivity
12V/G
Amplitude Response
3Hz
Mass
10g
2 of 2
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/22


Similar Part No. - SCL1700-D01

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCL1700-D01 VTI-SCL1700-D01 Datasheet
105Kb / 4P
   SCL1700-D01
More results

Similar Description - SCL1700-D01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA61T-FAHH1G MURATA-SCA61T-FAHH1G Datasheet
166Kb / 2P
   Maximum Range
SCA103T-D05 MURATA-SCA103T-D05 Datasheet
169Kb / 2P
   Maximum Range
SCA121T-D05 MURATA-SCA121T-D05 Datasheet
169Kb / 2P
   Maximum Range
SCC2230-D08 MURATA-SCC2230-D08 Datasheet
172Kb / 2P
   Maximum Range
SCR2100-D08 MURATA-SCR2100-D08 Datasheet
169Kb / 2P
   Maximum Range
SCA100T-D02 MURATA-SCA100T-D02 Datasheet
168Kb / 2P
   Maximum Range
SCC2130-D08 MURATA-SCC2130-D08 Datasheet
172Kb / 2P
   Maximum Range
SCR1100-D04 MURATA-SCR1100-D04 Datasheet
169Kb / 2P
   Maximum Range
SCA121T-D03 MURATA-SCA121T-D03 Datasheet
170Kb / 2P
   Maximum Range
SCA121T-D07 MURATA-SCA121T-D07 Datasheet
170Kb / 2P
   Maximum Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com