Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C142-30PC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C142-30PC
Description  2Kx8 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C142-30PC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C142-30PC Datasheet HTML 1Page - Cypress Semiconductor CY7C142-30PC Datasheet HTML 2Page - Cypress Semiconductor CY7C142-30PC Datasheet HTML 3Page - Cypress Semiconductor CY7C142-30PC Datasheet HTML 4Page - Cypress Semiconductor CY7C142-30PC Datasheet HTML 5Page - Cypress Semiconductor CY7C142-30PC Datasheet HTML 6Page - Cypress Semiconductor CY7C142-30PC Datasheet HTML 7Page - Cypress Semiconductor CY7C142-30PC Datasheet HTML 8Page - Cypress Semiconductor CY7C142-30PC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY7C132/CY7C136
CY7C142/CY7C146
5
BUSY/INTERRUPT TIMING
tBLA
BUSY LOW from Address Match
15
20
20
ns
tBHA
BUSY HIGH from Address Mismatch[16]
15
20
20
ns
tBLC
BUSY LOW from CE LOW
15
20
20
ns
tBHC
BUSY HIGH from CE HIGH[16]
15
20
20
ns
tPS
Port Set Up for Priority
5
5
5
ns
tWB
R/W LOW after BUSY LOW[17]
0
0
0
ns
tWH
R/W HIGH after BUSY HIGH
13
20
30
ns
tBDD
BUSY HIGH to Valid Data
15
25
30
ns
tDDD
Write Data Valid to Read Data Valid
Note
18
Note
18
Note
18
ns
tWDD
Write Pulse to Data Delay
Note
18
Note
18
Note
18
ns
INTERRUPT TIMING[19]
tWINS
R/W to INTERRUPT Set Time
15
25
25
ns
tEINS
CE to INTERRUPT Set Time
15
25
25
ns
tINS
Address to INTERRUPT Set Time
15
25
25
ns
tOINR
OE to INTERRUPT Reset Time[16]
15
25
25
ns
tEINR
CE to INTERRUPT Reset Time[16]
15
25
25
ns
tINR
Address to INTERRUPT Reset Time[16]
15
25
25
ns
Switching Characteristics Over the Operating Range[6, 11] (continued)
Parameter
Description
7C136-15[3,4]
7C146-15
7C132-25[3]
7C136-25
7C142-25
7C146-25
7C132-30
7C136-30
7C142-30
7C146-30
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Switching Characteristics Over the Operating Range[6, 11]
7C132-35
7C136-35
7C142-35
7C146-35
7C132-45
7C136-45
7C142-45
7C146-45
7C132-55
7C136-55
7C142-55
7C146-55
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
35
45
55
ns
tAA
Address to Data Valid[12]
35
45
55
ns
tOHA
Data Hold from Address Change
0
0
0
ns
tACE
CE LOW to Data Valid[12]
35
45
55
ns
tDOE
OE LOW to Data Valid[12]
20
25
25
ns
tLZOE
OE LOW to Low Z[10, 13]
33
3
ns
tHZOE
OE HIGH to High Z[10, 13, 14]
20
20
25
ns
tLZCE
CE LOW to Low Z[10, 13]
55
5
ns
tHZCE
CE HIGH to High Z[10, 13, 14]
20
20
25
ns
tPU
CE LOW to Power-Up[10]
00
0
ns
tPD
CE HIGH to Power-Down[10]
35
35
35
ns


Similar Part No. - CY7C142-30PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C142-30PC CYPRESS-CY7C142-30PC Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C142-30PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B141 CYPRESS-CY7B141 Datasheet
437Kb / 14P
   1Kx8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633_17 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9389 IDT-IDT70V9389_18 Datasheet
251Kb / 19P
   SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
   2K x 16 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com