Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57220K0212A003 Datasheet(PDF) 4 Page - TDK Electronics

Part # B57220K0212A003
Description  Leadless NTCs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57220K0212A003 Datasheet(HTML) 4 Page - TDK Electronics

  B57220K0212A003 Datasheet HTML 1Page - TDK Electronics B57220K0212A003 Datasheet HTML 2Page - TDK Electronics B57220K0212A003 Datasheet HTML 3Page - TDK Electronics B57220K0212A003 Datasheet HTML 4Page - TDK Electronics B57220K0212A003 Datasheet HTML 5Page - TDK Electronics B57220K0212A003 Datasheet HTML 6Page - TDK Electronics B57220K0212A003 Datasheet HTML 7Page - TDK Electronics B57220K0212A003 Datasheet HTML 8Page - TDK Electronics B57220K0212A003 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
R/T characteristics
R/T No. 1008
T (
°C)
B25/100 = 3560 K
T (
°C) B
25/100 = 3560 K
T (
°C) B
25/100 = 3560 K
RT/R25
α (%/K)
RT/R25
α (%/K)
RT/R25
α (%/K)
55.0
53.104
6.1
50.0
0.40545
3.4
155.0
0.025193
2.0
50.0
39.318
6.0
55.0
0.3417
3.3
160.0
0.02279
2.0
45.0
29.325
5.8
60.0
0.28952
3.2
165.0
0.020667
2.0
40.0
22.03
5.7
65.0
0.24714
3.1
170.0
0.01878
1.9
35.0
16.666
5.5
70.0
0.21183
3.1
175.0
0.01709
1.9
30.0
12.696
5.4
75.0
0.18194
3.0
180.0
0.015582
1.8
25.0
9.7251
5.2
80.0
0.1568
2.9
185.0
0.014227
1.8
20.0
7.5171
5.1
85.0
0.13592
2.8
190.0
0.013012
1.8
15.0
5.8353
4.9
90.0
0.11822
2.8
195.0
0.011934
1.7
10.0
4.5686
4.8
95.0
0.1034
2.7
200.0
0.010964
1.7
5.0
3.605
4.7
100.0
0.090741
2.6
205.0
0.0101
1.7
0.0
2.8665
4.5
105.0
0.079642
2.6
210.0
0.0093191
1.6
5.0
2.2907
4.4
110.0
0.070102
2.5
215.0
0.0085949
1.6
10.0
1.8438
4.3
115.0
0.061889
2.4
220.0
0.0079384
1.6
15.0
1.492
4.1
120.0
0.054785
2.4
225.0
0.0073411
1.5
20.0
1.2154
4.0
125.0
0.048706
2.3
230.0
0.006798
1.5
25.0
1.0000
3.9
130.0
0.043415
2.3
235.0
0.0063087
1.5
30.0
0.82976
3.8
135.0
0.038722
2.2
240.0
0.0058623
1.5
35.0
0.68635
3.7
140.0
0.034615
2.2
245.0
0.0054487
1.4
40.0
0.57103
3.6
145.0
0.031048
2.1
250.0
0.0050705
1.4
45.0
0.48015
3.5
150.0
0.02791
2.1
Temperature measurement and compensation
B57220K
Leadless NTCs
K220
Page 4 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57220K0212A003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57220K0212A003 EPCOS-B57220K0212A003 Datasheet
62Kb / 3P
   B57220 Temperature Measurement Leadless Disks
B57220K0212A003 EPCOS-B57220K0212A003 Datasheet
242Kb / 12P
   NTC thermistors for temperature measurement
More results

Similar Description - B57220K0212A003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57820M0561A005 EPCOS-B57820M0561A005 Datasheet
63Kb / 3P
   Leadless Disks
B57891 EPCOS-B57891 Datasheet
322Kb / 25P
   Leaded NTCs, lead spacing 2.5 mm
logo
CTS Corporation
753 CTS-753 Datasheet
234Kb / 6P
   Leadless Surface Mount
logo
TT Electronics.
BCN31 TTELEC-BCN31 Datasheet
274Kb / 3P
   Leadless Chip Packages
logo
Microsemi Corporation
MLL3821 MICROSEMI-MLL3821 Datasheet
91Kb / 2P
   LEADLESS GLASS ZENER DIODES
logo
Rohm
RLZTE-1113B ROHM-RLZTE-1113B Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1120B ROHM-RLZTE-1120B Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
logo
Vishay Siliconix
PL340 VISHAY-PL340 Datasheet
140Kb / 2P
   Plastic Leadless Chip Carrier
Revision 14-Nov-02
logo
Microsemi Corporation
MLL4099 MICROSEMI-MLL4099 Datasheet
83Kb / 2P
   LEADLESS GLASS ZENER DIODES
logo
Vishay Siliconix
NTCC100E4 VISHAY-NTCC100E4_V01 Datasheet
81Kb / 2P
   Leadless NTC Thermistor Dies
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com