Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITM1010EV45 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ITM1010EV45
Description  CDMA Cellular/CDMA450 Receiver RF Front-end IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ITM1010EV45 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ITM1010EV45 Datasheet HTML 7Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 8Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 9Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 10Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 11Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 12Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 13Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 14Page - List of Unclassifed Manufacturers ITM1010EV45 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
02-IM1010-030827
sales@integrant.biz
Tel: 82-31-719-4500
11/19
CDMA Cellular/CDMA450 Receiver RF Front-end IC
ITM1010
5. Evaluation Board Schematic
5-1. CDMA Cellular Band(869 ~ 894 MHz)
Fig. 5-1 Evaluation Board Schematic for CDMA Cellular Application
12
11
10
6
5
4
Bias
Control
Gain
Control
VCC
IFN
IFP
GND
LNA_E
LNA_IN
LNA_GAIN
ENA
1
3
2
L2
27nH
C20
5pF
C11
100pF
VCC
C3
6pF
R2
30k
C14
5pF
L6
220nH
C13
5pF
ITM1010
L7
220nH
C22
1nF
VCC
C21
1nF
VCC
L8
12nH
C4
47nF
C1
2pF
L4
8.2nH
C5
4pF
J4
L5
6.8nH
C9
1nF
C8
100pF
VCC
R5
0 ohm
C7
8pF
L3
10nH
C6
47 nF
IF +
IF -
SAW_FILTER
SAW_FILTER
R1
12
12
11
10
6
5
4
Bias
Control
Gain
Control
VCC
IFN
IFP
GND
LNA_E
LNA_IN
LNA_GAIN
ENA
1
3
2
L2
27nH
C20
5pF
L2
27nH
C20
5pF
C11
100pF
VCC
C3
6pF
R2
30k
C14
5pF
L6
220nH
C13
5pF
ITM1010
L7
220nH
C22
1nF
VCC
C21
1nF
VCC
L8
12nH
C4
47nF
C1
2pF
L4
8.2nH
C5
4pF
J4
L5
6.8nH
C9
1nF
C8
100pF
VCC
R5
0 ohm
C7
8pF
L3
10nH
C6
47 nF
IF +
IF -
SAW_FILTER
SAW_FILTER
R1
12


Similar Part No. - ITM1010EV45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITM1602ASTL ETC-ITM1602ASTL Datasheet
115Kb / 1P
   ITM1602ASTL
ITM1602BSTL ETC1-ITM1602BSTL Datasheet
125Kb / 1P
   ITM-1602BSTL
More results

Similar Description - ITM1010EV45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITM2520 ETC-ITM2520 Datasheet
22Kb / 1P
   Cellular/GPS Image-Reject Receiver RF Front-end IC
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
   GPS Receiver RF Front End IC
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
   GPS Receiver RF Front End IC
logo
NXP Semiconductors
AFRX5G272 NXP-AFRX5G272 Datasheet
383Kb / 14P
   RF Front--End Receiver Module
Rev. 0, 07/2020
logo
TriQuint Semiconductor
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
   GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
   GPS Receiver RF Front End
logo
NXP Semiconductors
AFRX5G372 NXP-AFRX5G372 Datasheet
387Kb / 15P
   RF Front--End Receiver Module
Rev. 0, 05/2020
logo
STMicroelectronics
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
STB5600 STMICROELECTRONICS-STB5600 Datasheet
72Kb / 10P
   GPS RF FRONT-END IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com