Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC5523 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5523
Description  Low-Power, Variable Gain Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5523 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC5523 Datasheet HTML 1Page - National Semiconductor (TI) CLC5523 Datasheet HTML 2Page - National Semiconductor (TI) CLC5523 Datasheet HTML 3Page - National Semiconductor (TI) CLC5523 Datasheet HTML 4Page - National Semiconductor (TI) CLC5523 Datasheet HTML 5Page - National Semiconductor (TI) CLC5523 Datasheet HTML 6Page - National Semiconductor (TI) CLC5523 Datasheet HTML 7Page - National Semiconductor (TI) CLC5523 Datasheet HTML 8Page - National Semiconductor (TI) CLC5523 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
http://www.national.com
2
CLC5523 Electrical Characteristics (V
CC = ±5V, Rf = 1k, Rg = 100W,RL = 100W,VG = 2V; unless specified)
PARAMETERS
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
NOTES
Ambient Temperature
CLC5523I
+25˚C25˚C
-40 to 85˚C
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Vo < 0.5Vpp
250
150
125
MHz
Vo < 4.0Vpp
100
45
35
MHz
peaking
DC to 200MHz (Vo = 0.5Vpp)
0
0.8
2.0
dB
rolloff
DC to 75MHz (Vo = 0.5Vpp)
0.2
1.0
1.2
dB
linear phase deviation
DC to 75MHz (Vo = 0.5Vpp)
0.6
1.5
3.0
deg
gain control bandwidth
Vin = 0.2VDC, Vg = 1VDC
95
70
60
MHz
TIME DOMAIN RESPONSE
rise and fall time
0.5V step
2.0
2.8
3.0
ns
overshoot
0.5V step
6.0
15
20
%
settling time to 0.2%
2V step
22
30
60
ns
non-inverting slew rate
4V step
700
450
400
V/
ms
inverting slew rate
4V step
1800
1000
700
V/
ms
gain control response rate
4
dB/nS
1
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
1Vpp, 5MHz
-65
dBc
3rd harmonic distortion
1Vpp, 5MHz
-80
dBc
2nd harmonic distortion
1Vpp, 10MHz
-57
-52
-40
dBc
3rd harmonic distortion
1Vpp, 10MHz
-75
-58
-54
dBc
input referred total noise
Vg = 2V
5
6
7
nV/
ÖHz
input referred voltage noise
4
5.5
5.5
nV/
ÖHz
Rg referred current noise
36
50
60
pA/
ÖHz
STATIC DC PERFORMANCE
output offset voltage
50
120
150
mV
A
Vin signal input
input voltage range
Rg open
±3.8
±3.6
±3.3
V
input bias current
3.0
8.0
16
mAA
input resistance
3.0
1.0
0.8
M
W
input capacitance
1.0
1.5
1.7
pF
IRgmax
0° to 70°C
7.0
5.0
4.0
mA
IRgmax
-40° to 85°C
7.0
5.0
2.5
mA
signal ch. non-linearity SGNL Vo = 2Vpp
0.04
0.1
0.2
%
gain accuracy*
0.3
0.5
0.9
dB
A
Vg gain input
input bias current
0.5
2.0
4.0
mA
input resistance
10
2.0
2.0
M
W
input capacitance
1.0
1.5
1.5
pF
ground pin current
40
55
65
mA
power supply rejection ratio
input-referred
57
50
46
dB
supply current
RL= ¥
13.5
15
16
mA
A
output voltage range
no load
±3.4
±3.0
±2.3
V
output voltage range
RL = 100W
±3.0
±2.5
±2.3
V
output impedance
0.1
0.15
0.15
W
output current
80
65
50
mA
transistor count
146
*maximum gain is defined as Rf/Rg
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Absolute Maximum Ratings
supply voltage
±7V
output current
±80mA
maximum junction temperature
+150˚C
storage temperature range
-65˚C to +150˚C
lead temperature (soldering 10 sec)
+300˚C
ESD rating (human body model)
TBD
Notes
A) I-level: spec is 100% tested at +25˚C.
1) See plot
“Gain Control Settling Time”.
Ordering Information
Model
Temp Range
Description
CLC5523IN
-40°C to +85°C
8-pin DIP
CLC5523IM
-40°C to +85°C
8-pin Small outline
CLC5523IMX
-40°C to +85°C
8-pin Small outline tape and reel
Contact the factory for other packages.
Package Thermal Resistance
Package
q
JC
q
JA
DIP (IN)
65°C/W
115°C/W
Small Outline (IM)
55°C/W
135°C/W


Similar Part No. - CLC5523

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5526 NSC-CLC5526 Datasheet
274Kb / 10P
   Digital Variable Gain Amplifier (DVGA)
CLC5526MSA NSC-CLC5526MSA Datasheet
274Kb / 10P
   Digital Variable Gain Amplifier (DVGA)
CLC5526PCASM NSC-CLC5526PCASM Datasheet
274Kb / 10P
   Digital Variable Gain Amplifier (DVGA)
More results

Similar Description - CLC5523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
AD8338 AD-AD8338_16 Datasheet
462Kb / 19P
   Low Power, 18 MHz Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Analog Devices
AD8338 AD-AD8338 Datasheet
406Kb / 16P
   Low Power, 18 MHz Variable Gain Amplifier
REV. 0
logo
Texas Instruments
LMH6504 TI1-LMH6504 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6504 Wideband, Low Power, Variable Gain Amplifier
logo
DAICO Industries, Inc.
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com