Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C185-25SC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C185-25SC
Description  8K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C185-25SC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C185-25SC Datasheet HTML 1Page - Cypress Semiconductor CY7C185-25SC Datasheet HTML 2Page - Cypress Semiconductor CY7C185-25SC Datasheet HTML 3Page - Cypress Semiconductor CY7C185-25SC Datasheet HTML 4Page - Cypress Semiconductor CY7C185-25SC Datasheet HTML 5Page - Cypress Semiconductor CY7C185-25SC Datasheet HTML 6Page - Cypress Semiconductor CY7C185-25SC Datasheet HTML 7Page - Cypress Semiconductor CY7C185-25SC Datasheet HTML 8Page - Cypress Semiconductor CY7C185-25SC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY7C185
Document #: 38-05043 Rev. *A
Page 4 of 11
Switching Characteristics Over the Operating Range[6]
7C185-15
7C185-20
7C185-25
7C185-35
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
15
20
25
35
ns
tAA
Address to Data Valid
15
20
25
35
ns
tOHA
Data Hold from Address Change
3
5
5
5
ns
tACE1
CE1 LOW to Data Valid
15
20
25
35
ns
tACE2
CE2 HIGH to Data Valid
15
20
25
35
ns
tDOE
OE LOW to Data Valid
8
9
12
15
ns
tLZOE
OE LOW to Low Z
3
3
3
3
ns
tHZOE
OE HIGH to High Z[7]
7
8
10
10
ns
tLZCE1
CE1 LOW to Low Z
[8]
3
5
5
5
ns
tLZCE2
CE2 HIGH to Low Z
3
3
3
3
ns
tHZCE
CE1 HIGH to High Z
[7, 8]
CE2 LOW to High Z
7
8
10
10
ns
tPU
CE1 LOW to Power-Up
CE2 to HIGH to Power-Up
0
0
0
0
ns
tPD
CE1 HIGH to Power-Down
CE2 LOW to Power-Down
15
20
20
20
ns
Write Cycle[9]
tWC
Write Cycle Time
15
20
25
35
ns
tSCE1
CE1 LOW to Write End
12
15
20
20
ns
tSCE2
CE2 HIGH to Write End
12
15
20
20
ns
tAW
Address Set-up to Write End
12
15
20
25
ns
tHA
Address Hold from Write End
0
0
0
0
ns
tSA
Address Set-up to Write Start
0
0
0
0
ns
tPWE
WE Pulse Width
12
15
15
20
ns
tSD
Data Set-up to Write End
8
10
10
12
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tHZWE
WE LOW to High Z[7]
7
7
7
8
ns
tLZWE
WE HIGH to Low Z
3
5
5
5
ns
Notes:
6.
Test conditions assume signal transition time of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
7.
tHZOE, tHZCE, and tHZWE are specified with CL = 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady state voltage.
8.
At any given temperature and voltage condition, tHZCE is less than tLZCE1 and tLZCE2 for any given device.
9.
The internal write time of the memory is defined by the overlap of CE1 LOW, CE2 HIGH, and WE LOW. All 3 signals must be active to initiate a write and either
signal can terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write.


Similar Part No. - CY7C185-25SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185-25SC CYPRESS-CY7C185-25SC Datasheet
200Kb / 11P
   8K x 8 Static RAM
More results

Similar Description - CY7C185-25SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
   8K X 8 STATIC RAM
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com