Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA4157L6X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSA4157L6X
Description  Low Voltage 1OHM SPDT Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA4157L6X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSA4157L6X Datasheet HTML 1Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 2Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 3Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 4Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 5Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 6Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 7Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 8Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
www.fairchildsemi.com
FSA4157, FSA4157A Rev. 1.0.1
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables
are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table will define the
conditions for actual device operation.
Recommended Operating Conditions(3)
Notes:
2. The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
3. Control input must be held HIGH or LOW and it must not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +6.0V
DC Switch Voltage(2)
–0.5V to VCC +0.5V
VIN
DC Input Voltage(2)
–0.5V to +6.0V
DC Input Diode Current
–50mA
Switch Current
200mA
Peak Switch Current (Pulse at 1mS duration, <10% Duty Cycle)
400mA
PD
Power Dissipation @ 85°C
SC70 6L Package
MicroPak 6L Package
180mW
180mW
TSTG
Storage Temperature Range
–65°C to +150°C
TJ
Maximum Junction Temperature
+150°C
TL
Lead Temperature (Soldering, 10 seconds)
+260°C
ESD (Human Body Model)
FSA4157A
7500V
Symbol
Parameter
Rating
VCC
Supply Voltage
FSA4157
FSA4157A
1.65V to 5.5V
2.7V to 5.5V
Control Input Voltage
0V to VCC
Switch Input Voltage
0V to VCC
Operating Temperature
−40°C to +85°C
Thermal Resistance
θ
JA in still air
SC70 6L Package
MicroPak 6L Package
350°C/W
330°C/W (estimated)


Similar Part No. - FSA4157L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA4157L6X FAIRCHILD-FSA4157L6X Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
ON Semiconductor
FSA4157L6X ONSEMI-FSA4157L6X Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
logo
Fairchild Semiconductor
FSA4157L6X FAIRCHILD-FSA4157L6X_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
More results

Similar Description - FSA4157L6X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4624EUT MAXIM-MAX4624EUT Datasheet
218Kb / 11P
   1ohm, Low-Voltage, Single-Supply SPDT Analog Switches
Rev 2; 5/01
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
   Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
logo
Union Semiconductor, In...
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
   Low-Voltage SPDT Analog Switch
UM3156 UNIONSEMI-UM3156_14 Datasheet
273Kb / 9P
   Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157_14 Datasheet
270Kb / 8P
   Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157 Datasheet
350Kb / 8P
   Low-Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com