Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5307MPX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN5307MPX
Description  High-Efficiency Step-Down DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5307MPX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN5307MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5307MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5307MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5307MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5307MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5307MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5307MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5307MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5307MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.fairchildsemi.com
FAN5307 Rev. 1.0.4
General Electrical Characteristics
Electrical Characteristics for Adjustable Version
VIN = 2.5V to 5.5V, IOUT = 200mA, EN = VIN, CIN = 4.7µF, COUT = 22µF, LX = 10µH, TA = -40°C to +85°C, unless
otherwise noted. Typical values are at TA = 25°C.
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage
2.5
5.5
V
Quiescent Current
IOUT = 0mA, Device is not
switching
15
30
µA
Shutdown Supply Current
EN = GND
0.1
1
µA
Enable High Input Voltage
1.3
V
Enable Low Input Voltage
0.4
V
En Input Bias Current
EN = VIN or GND
0.01
0.1
µA
PMOS On Resistance
VIN = VGS = 3.6V
530
690
m
VIN = VGS = 2.5V
670
850
NMOS On Resistance
VIN = VGS = 3.6V
430
540
m
VIN = VGS = 2.5V
530
660
P-channel Current Limit
2.5V < VIN < 5.5V
400
520
700
mA
N-channel Leakage Current
VDS = 5.5V
0.1
1
µA
P-channel Leakage Current
VDS = 5.5V
0.1
1
µA
Switching Frequency
800
1000
1200
kHz
Line Regulation
VIN = 2.5 to 5.5V,
IOUT = 10mA
0.16
% / V
Load Regulation
(6-Lead 3x3mm MLP)
100mA
≤ I
OUT ≤ 300mA
0.0014
% / mA
Load Regulation
(5-Lead SOT-23)
100mA
≤ I
OUT ≤ 300mA
0.0022
% / mA
Output Voltage Accuracy
(5-Lead SOT-23)
VIN = 2.5 to 4.5V,
0mA
≤ I
OUT ≤ 300mA
-4
4
%
VIN = 2.5 to 5.5V,
0mA
≤ I
OUT ≤ 300mA
-5
4
%
Leakage Current into SW Pin
VIN > VOUT,
0V
≤ V
SW ≤ VIN
0.1
1
µA
Reverse Leakage Current into pin
SW
VIN = Open, EN = GND,
VSW = 5.5V
0.1
1
µA
Output Voltage Accuracy
(6-Lead 3x3mm MLP)
VIN = 2.5 to 5.5V,
0mA
≤ I
OUT ≤ 300mA
-4
4
%
VIN = 2.5V to 5.5V, IOUT = 200mA, EN = VIN, CIN = 4.7µF, COUT = 22µF, LX = 10µH, TA = 25°C.
Parameter
Conditions
Min.
Typ.
Max.
Units
Feedback (FB) Voltage
0.5
V


Similar Part No. - FAN5307MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308MPX FAIRCHILD-FAN5308MPX Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308MPX FAIRCHILD-FAN5308MPX Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
More results

Similar Description - FAN5307MPX

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Linear Technology
LTC1265 LINER-LTC1265 Datasheet
226Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com