Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA4157 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSA4157
Description  Low Voltage 1OHM SPDT Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA4157 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSA4157 Datasheet HTML 1Page - Fairchild Semiconductor FSA4157 Datasheet HTML 2Page - Fairchild Semiconductor FSA4157 Datasheet HTML 3Page - Fairchild Semiconductor FSA4157 Datasheet HTML 4Page - Fairchild Semiconductor FSA4157 Datasheet HTML 5Page - Fairchild Semiconductor FSA4157 Datasheet HTML 6Page - Fairchild Semiconductor FSA4157 Datasheet HTML 7Page - Fairchild Semiconductor FSA4157 Datasheet HTML 8Page - Fairchild Semiconductor FSA4157 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
March 2006
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSA4157, FSA4157A Rev. 1.0.1
FSA4157, FSA4157A
Low Voltage 1
Ω SPDT Analog Switch
Features
FSA4157A features lower ICC when the S input is
lower than VCC
Maximum 1.15
Ω On Resistance (R
ON) at 4.5V VCC
0.3
Ω max R
ON flatness at 4.5V VCC
Space saving 6-lead Pb-Free MicroPak™ and
SC70 6-lead surface mount packages
Broad VCC operating range:
– FSA4157:
1.65V to 5.5V
– FSA4157A: 2.7V to 5.5V
Fast turn-on and turn-off time
Break-before-make enable circuitry
Over-voltage tolerant TTL compatible control circuitry
General Description
FSA4157 and FSA4157A are high performance Single
Pole/Double Throw (SPDT) analog switches. Both
devices feature ultra low RON of 1.15Ω maximum at 4.5V
VCC and will operate over the wide VCC range of 1.65V to
5.5V for FSA4157, and 2.7V to 5.5V for FSA4157A. The
device is fabricated with sub-micron CMOS technology
to achieve fast switching speeds and is designed for
break-before-make operation. The select input is TTL
level compatible.
The FSA4157A features very low quiescent current even
when the control voltage is lower than the VCC supply.
This feature services the mobile handset applications
very well allowing for the direct interface with baseband
processor general purpose I/Os.
Technology Description
The Fairchild Switch family derives from and embodies
Fairchild’s proven switch technology used for several
years in its 74LVXL384 (FST3384) bus switch product.
Ordering Information
Pb-Free package per JEDEC J-STD-020B.
Note:
1. “_NL” indicates lead-free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Number
Product Code
Top Mark
Package Description
Supplied As
FSA4157P6
MAA06A
A57
6-Lead SC70, EIAJ SC88,
1.25mm Wide
250 Units on Tape and Reel
FSA4157P6X
MAA06A
A57
6-Lead SC70, EIAJ SC88,
1.25mm Wide
3k Units on Tape and Reel
FSA4157P6X_NL(1)
MAA06A
A57
Pb-Free 6-Lead SC70,
EIAJ SC88, 1.25mm Wide
3k Units on Tape and Reel
FSA4157L6X
MAC06A
EG
Pb-Free 6-Lead MicroPak,
1.0mm Wide
5k Units on Tape and Reel
FSA4157AP6
MAA06A
B57
6-Lead SC70, EIAJ SC88,
1.25mm Wide
250 Units on Tape and Reel
FSA4157AP6X
MAA06A
B57
6-Lead SC70, EIAJ SC88,
1.25mm Wide
3k Units on Tape and Reel
FSA4157AP6X_NL(1)
MAA06A
B57
Pb-Free 6-Lead SC70,
EIAJ SC88, 1.25mm Wide
3k Units on Tape and Reel
FSA4157AL6X
MAC06A
EU
Pb-Free 6-Lead MicroPak,
1.0mm Wide
5k Units on Tape and Reel
MicroPak
 is a trademark of Fairchild Semiconductor Corporation.


Similar Part No. - FSA4157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
logo
Fairchild Semiconductor
FSA4157A FAIRCHILD-FSA4157A Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157AL6X FAIRCHILD-FSA4157AL6X Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
ON Semiconductor
FSA4157AL6X ONSEMI-FSA4157AL6X Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
More results

Similar Description - FSA4157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4624EUT MAXIM-MAX4624EUT Datasheet
218Kb / 11P
   1ohm, Low-Voltage, Single-Supply SPDT Analog Switches
Rev 2; 5/01
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
   Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
logo
Union Semiconductor, In...
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
   Low-Voltage SPDT Analog Switch
UM3156 UNIONSEMI-UM3156_14 Datasheet
273Kb / 9P
   Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157_14 Datasheet
270Kb / 8P
   Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157 Datasheet
350Kb / 8P
   Low-Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com