Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5307 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN5307
Description  High-Efficiency Step-Down DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5307 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN5307 Datasheet HTML 1Page - Fairchild Semiconductor FAN5307 Datasheet HTML 2Page - Fairchild Semiconductor FAN5307 Datasheet HTML 3Page - Fairchild Semiconductor FAN5307 Datasheet HTML 4Page - Fairchild Semiconductor FAN5307 Datasheet HTML 5Page - Fairchild Semiconductor FAN5307 Datasheet HTML 6Page - Fairchild Semiconductor FAN5307 Datasheet HTML 7Page - Fairchild Semiconductor FAN5307 Datasheet HTML 8Page - Fairchild Semiconductor FAN5307 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
www.fairchildsemi.com
FAN5307 Rev. 1.0.4
Electrical Characteristics for Fixed VOUT = 1.8V Version
Note:
4. Transition voltage is defined as the difference between the output voltage measured at 0.1mA (PFM mode) and
300mA (PWM mode), respectively.
5.
6. These limits also apply to any mode transition caused by any kind of load transition within specified output current
range.
VIN = 2.5V to 5.5V, IOUT = 200mA, EN = VIN, CIN = 4.7µF, COUT = 22µF, LX = 10µH, TA = -40°C to +85°C, unless
otherwise noted. Typical values are at TA = 25°C.
Parameter
Conditions
Min.
Typ.
Max.
Units
PFM to PWM Transition Voltage
(Note 4)
VIN = 3.7V, TA = 25°C,
0.1mA
≤ I
OUT ≤ 300mA
72
mV
PFM to PWM Transition Voltage
(Note 4)
VIN = 4.2V, TA = 25°C,
0.1mA
≤ I
OUT ≤ 300mA
72
mV
Output Voltage during Mode
Transition (Note 5, 6)
1.7
1.93
V
Over Voltage Clamp Threshold
Incl. line, load, load transients,
and temperature
1.878
1.93
V
0.01
0.587 0.589
Time (mSec)
ss
0
4.6
2
200
Load Transient Response Test Waveform
tr = 10µS
tf = 2µS


Similar Part No. - FAN5307

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308MPX FAIRCHILD-FAN5308MPX Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308MPX FAIRCHILD-FAN5308MPX Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
More results

Similar Description - FAN5307

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Linear Technology
LTC1265 LINER-LTC1265 Datasheet
226Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com