Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSEI60-06 Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSEI60-06
Description  Fast Recovery Epitaxial Diode (FRED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEI60-06 Datasheet(HTML) 2 Page - IXYS Corporation

  DSEI60-06 Datasheet HTML 1Page - IXYS Corporation DSEI60-06 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
DSEI 60, 600 V
Fig. 1 Forward current
Fig. 2 Recovery charge versus -di
F/dt.
Fig. 3 Peak reverse current versus
versus voltage drop.
-di
F/dt.
Fig. 4 Dynamic parameters versus
Fig. 5 Recovery time versus -di
F/dt.
Fig. 6 Peak forward voltage
junction temperature.
versus di
F/dt.
Fig. 7 Transient thermal impedance junction to case.
Dimensions
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780
0.800
B
20.80 21.46
0.819
0.845
C
15.75 16.26
0.610
0.640
D
3.55
3.65
0.140
0.144
E
4.32
5.49
0.170
0.216
F
5.4
6.2
0.212
0.244
G
1.65
2.13
0.065
0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040
0.055
K
10.8
11.0
0.426
0.433
L
4.7
5.3
0.185
0.209
M
0.4
0.8
0.016
0.031
N
2.2
2.54
0.087
0.102


Similar Part No. - DSEI60-06

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
DSEI60-06A KERSEMI-DSEI60-06A Datasheet
211Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
logo
Inchange Semiconductor ...
DSEI60-06A ISC-DSEI60-06A Datasheet
227Kb / 2P
   Ultra fast Rectifier
More results

Similar Description - DSEI60-06

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEI2X101-12 IXYS-DSEI2X101-12 Datasheet
80Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI60-12A IXYS-DSEI60-12A Datasheet
52Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI12 IXYS-DSEI12 Datasheet
77Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI2X61-12 IXYS-DSEI2X61-12 Datasheet
136Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
DSEI30-10AR IXYS-DSEI30-10AR Datasheet
89Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
logo
Powersem GmbH
PSEI2X61-02 POWERSEM-PSEI2X61-02 Datasheet
126Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
PSEI2X61-12 POWERSEM-PSEI2X61-12 Datasheet
142Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
PSEK60-02 POWERSEM-PSEK60-02 Datasheet
97Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
logo
IXYS Corporation
DSEI2X161-02P IXYS-DSEI2X161-02P Datasheet
49Kb / 1P
   Fast Recovery Epitaxial Diode (FRED)
DSEI2X30-06P IXYS-DSEI2X30-06P Datasheet
239Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
logo
Powersem GmbH
PSEK6006 POWERSEM-PSEK6006 Datasheet
97Kb / 2P
   Fast Recovery Epitaxial Diode (FRED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com