Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

97730605000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 97730605000
Description  18 AWG stranded (19x30) TC conductors, polypropylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

97730605000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  97730605000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 97730605000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 97730605000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
18 AWG stranded (19x30) TC conductors, polypropylene insulation, twisted pairs, individually shielded
w/Beldfoil® (100% coverage), 20 AWG stranded TC drain wire, PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
3
18
19x30
TC - Tinned Copper
Total Number of Conductors:
6
Insulation
Insulation Material:
Insulation Material Wall Thickness (mm)
PP - Polypropylene 0.483
Inner Shield
Inner Shield Material:
Inner Shield Trade Name Type Inner Shield Material
Coverage (%)
Beldfoil® (Z-Fold®)
Tape Aluminum Foil-Polyester Tape 100
Inner Shield Drain Wire AWG:
AWG
20
Inner Shield Drain Wire Stranding:
Stranded
Inner Shield Drain Wire Conductor Material:
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.889
Overall Cable
Overall Nominal Diameter:
10.262 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
2
Black & White
3
Black & Green
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +80°C
UL Temperature Rating:
80°C (UL AWM Style 2919)
Bulk Cable Weight:
125.009 Kg/Km
Max. Recommended Pulling Tension:
787.331 N
Min. Bend Radius/Minor Axis:
107.950 mm
Page 1 of 3
08-21-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9773 Multi-Conductor - Audio, Control and Instrumentation Cable


Similar Part No. - 97730605000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9773 BELDEN-9773 Datasheet
239Kb / 2P
   Audio, Control & Instrument, #18-3pr, PO, Indiv. Foil, PVC Jkt, CM
logo
Heyco.
9773 HEYCO-9773 Datasheet
106Kb / 1P
   Heyco®-Tite Metallic Liquid Tight Cordgrips
logo
Belden Inc.
9773MN BELDEN-9773MN Datasheet
216Kb / 2P
   SpaceMaker™, 3 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
9773MN.004100 BELDEN-9773MN.004100 Datasheet
216Kb / 2P
   SpaceMaker™, 3 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
9773MN.0041000 BELDEN-9773MN.0041000 Datasheet
216Kb / 2P
   SpaceMaker™, 3 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, AWM 2937
05-05-2023
More results

Similar Description - 97730605000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345065 ETC2-1345065 Datasheet
99Kb / 3P
   18 AWG stranded (19x30) TC conductors, polypropylene insulation
1345074 ETC2-1345074 Datasheet
99Kb / 3P
   18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1344189 ETC2-1344189 Datasheet
100Kb / 3P
   18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1344805 ETC2-1344805 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1883A ETC2-1883A Datasheet
101Kb / 3P
   24 AWG stranded (7x32) TC conductors, polypropylene insulation
1348175 ETC2-1348175 Datasheet
99Kb / 3P
   28 AWG stranded (7x36) TC conductors, polypropylene insulation,
1346679 ETC2-1346679 Datasheet
102Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
1345076 ETC2-1345076 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
8451 ETC2-8451 Datasheet
102Kb / 3P
   22 AWG stranded (7x30) TC conductors, polypropylene insulation
8725 ETC2-8725 Datasheet
99Kb / 3P
   20 AWG stranded (7x28) TC conductors, polypropylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com