Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C187-25PC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C187-25PC
Description  64K x 1 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C187-25PC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C187-25PC Datasheet HTML 1Page - Cypress Semiconductor CY7C187-25PC Datasheet HTML 2Page - Cypress Semiconductor CY7C187-25PC Datasheet HTML 3Page - Cypress Semiconductor CY7C187-25PC Datasheet HTML 4Page - Cypress Semiconductor CY7C187-25PC Datasheet HTML 5Page - Cypress Semiconductor CY7C187-25PC Datasheet HTML 6Page - Cypress Semiconductor CY7C187-25PC Datasheet HTML 7Page - Cypress Semiconductor CY7C187-25PC Datasheet HTML 8Page - Cypress Semiconductor CY7C187-25PC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY7C187
Document #: 38-05044 Rev. **
Page 2 of 9
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage to Ground Potential
(Pin 22 to Pin 11) ........................................... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[2] ............................................ –0.5V to +7.0V
DC Input Voltage[2] .........................................–0.5V to +7.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage ........................................... >2001V
(per MIL–STD–883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Electrical Characteristics Over the Operating Range
7C187-15
7C187-20
7C187-25, 35
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.,
IOH = –4.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min.,
IOL=12.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
2.2
VCC
2.2
VCC
V
VIL
Input LOW Voltage[2]
–0.5
0.8
–0.5
0.8
–0.5
0.8
V
IIX
Input Load Current
GND
< V
I < VCC
–5
+5
–5
+5
–5
+5
µA
IOZ
Output Leakage
Current
GND
< V
O < VCC,
Output Disabled
–5
+5
–5
+5
–5
+5
µA
IOS
Output Short
Circuit Current[3]
VCC = Max.,
VOUT = GND
–350
–350
–350
mA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA
90
80
70
mA
ISB1
Automatic CE Power-
Down Current[4]
Max. VCC, CE ≥ VIH
40
40
20
mA
ISB2
Automatic CE
Power-Down Current
Max. VCC,
CE
≥ V
CC – 0.3V,
VIN ≥ VCC – 0.3V
or VIN ≤ 0.3V
20
20
20
mA
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF
Notes:
2.
VIL (min.) = –3.0V for pulse durations less than 30 ns.
3.
Not more than 1 output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
4.
A pull-up resistor to VCC on the CE input is required to keep the device deselected during VCC power-up, otherwise ISB will exceed values given.
5.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C187-25PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C187-25PC CYPRESS-CY7C187-25PC Datasheet
261Kb / 9P
   64K x 1 Static RAM
More results

Similar Description - CY7C187-25PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C187 CYPRESS-CY7C187_06 Datasheet
261Kb / 9P
   64K x 1 Static RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30_06 Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_05 Datasheet
183Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18_05 Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33_10 Datasheet
576Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com