Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C185-15ZC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C185-15ZC
Description  8K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C185-15ZC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C185-15ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C185-15ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C185-15ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C185-15ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C185-15ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C185-15ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C185-15ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C185-15ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C185-15ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CY7C185
Document #: 38-05043 Rev. *A
Page 3 of 11
Electrical Characteristics Over the Operating Range (continued)
7C185-25
7C185-35
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC +
0.3V
2.2
VCC +
0.3V
V
VIL
Input LOW Voltage[3]
–0.5
0.8
–0.5
0.8
V
IIX
Input Load Current
GND
≤ V
I ≤ VCC
–5
+5
–5
+5
µA
IOZ
Output Leakage
Current
GND
≤ V
I ≤ VCC,
Output Disabled
–5
+5
–5
+5
µA
IOS
Output Short
Circuit Current[4]
VCC = Max.,
VOUT = GND
–300
–300
mA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA
100
100
mA
ISB1
Automatic
Power-Down Current
Max. VCC, CE1 ≥ VIH or CE2 ≤ VIL
Min. Duty Cycle = 100%
20
20
mA
ISB2
Automatic
Power-Down Current
Max. VCC, CE1 ≥ VCC – 0.3V
or CE2 ≤ 0.3V
VIN ≥ VCC – 0.3V or VIN ≤ 0.3V
15
15
mA
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
7
pF
COUT
Output Capacitance
7
pF
Note:
5.
Tested initially and after any design or process changes that may affect these parameters.
AC Test Loads and Waveforms
R1 481
3.0V
5V
OUTPUT
R1 481
R2
255
30 pF
GND
90%
90%
10%
≤ 5ns
≤ 5 ns
5V
OUTPUT
R2
255
5 pF
(a)
(b)
OUTPUT
1.73V
INCLUDING
JIG AND
SCOPE
INCLUDING
JIGAND
SCOPE
10%
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
167


Similar Part No. - CY7C185-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185-15PC CYPRESS-CY7C185-15PC Datasheet
200Kb / 11P
   8K x 8 Static RAM
CY7C185-15SC CYPRESS-CY7C185-15SC Datasheet
200Kb / 11P
   8K x 8 Static RAM
CY7C185-15VC CYPRESS-CY7C185-15VC Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY7C185-15VC CYPRESS-CY7C185-15VC Datasheet
200Kb / 11P
   8K x 8 Static RAM
CY7C185-15VI CYPRESS-CY7C185-15VI Datasheet
307Kb / 12P
   8K x 8 Static RAM
More results

Similar Description - CY7C185-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
   8K X 8 STATIC RAM
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com