Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAC8532IDGKR Datasheet(PDF) 17 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. DAC8532IDGKR
Description  Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8532IDGKR Datasheet(HTML) 17 Page - Burr-Brown (TI)

Back Button DAC8532IDGKR Datasheet HTML 9Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 10Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 11Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 12Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 13Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 14Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 15Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 16Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 17Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
17
DAC8532
SBAS246A
www.ti.com
PACKAGE DRAWING
DGK (R-PDSO-G8)
PLASTIC SMALL-OUTLINE PACKAGE
0,69
0,41
0,25
0,15 NOM
Gage Plane
4073329/C 08/01
4,98
0,25
5
3,05
4,78
2,95
8
4
3,05
2,95
1
0,38
1,07 MAX
Seating Plane
0,65
M
0,08
0
°–6°
0,10
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC MO-187


Similar Part No. - DAC8532IDGKR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
DAC8532IDGKR TI1-DAC8532IDGKR Datasheet
826Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKR TI-DAC8532IDGKR Datasheet
812Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKRG4 TI1-DAC8532IDGKRG4 Datasheet
826Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKRG4 TI-DAC8532IDGKRG4 Datasheet
812Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8532IDGKR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
DAC8532IDGKG4 TI1-DAC8532IDGKG4 Datasheet
826Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKG4 TI-DAC8532IDGKG4 Datasheet
812Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532 TI-DAC8532_15 Datasheet
1Mb / 27P
[Old version datasheet]   DAC8532 Dual Channel, 16-Bit, Low Power, Serial Input Digital-To-Analog Converter
DAC8534 TI-DAC8534 Datasheet
362Kb / 20P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8534IPWRG4 TI1-DAC8534IPWRG4 Datasheet
735Kb / 24P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
Burr-Brown (TI)
Burr-Brown (TI)
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
   Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
Texas Instruments
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz