Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAC8532IDGKR Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. DAC8532IDGKR
Description  Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8532IDGKR Datasheet(HTML) 12 Page - Burr-Brown (TI)

Back Button DAC8532IDGKR Datasheet HTML 8Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 9Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 10Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 11Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 12Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 13Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 14Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 15Page - Burr-Brown (TI) DAC8532IDGKR Datasheet HTML 16Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
DAC8532
12
SBAS246A
www.ti.com
D17
D16
PD1
PD0
01
1k
1
0
100k
1
1
High Impedance
TABLE III. Power-Down Commands.
OUTPUT IMPEDANCE POWERDOWN COMMANDS
00
LDB
LDA
X
Buffer Select
PD1
PD0
D15
D14
D13
D12
D11
D10
D9D8D7
D6D5D4D3
D2D1
D0
DB11
DB0
FIGURE 5. DAC8532 Data Input Register Format.
DB23
DB12
D23
D22
D21
D20
D19
D18
D17
D16
Reserved Reserved Load B Load A Don’t Care Buffer Select
PD1
PD0
0 = A, 1 = B
0
0
0
0
X
#
0
0
Data
WR Buffer # w/Data
0
0
0
0
X
#
X
WR Buffer # w/Power-Down Command
0
0
0
1
X
#
0
0
Data
WR Buffer # w/Data and Load DAC A
00
0
1
X
0
X
WR Buffer A w/Power-Down Command and LOAD DAC A
(DAC A Powered Down)
0
0
0
1
X
1
X
WR Buffer B w/ Power-Down Command and LOAD DAC A
0
0
1
0
X
#
0
0
Data
WR Buffer # w/Data and Load DAC B
0
0
1
0
X
0
X
WR Buffer A w/Power-Down Command and LOAD DAC B
00
1
0
X
1
X
WR Buffer B w/ Power-Down Command and LOAD DAC B
(DAC B Powered Down)
0
0
1
1
X
#
0
0
Data
WR Buffer # w/Data and Load DACs A and B
00
1
1
X
0
X
WR Buffer A w/Power-Down Command and Load DACs A
and B (DAC A Powered Down)
00
1
1
X
1
X
WR Buffer B w/Power-Down Command and Load DACs A
and B (DAC B Powered Down)
D15
D14
D13-D0
MSB
MSB-1
MSB-2...LSB
(see Table III)
(see Table III)
(see Table III)
(Always Write 0)
TABLE II. Control Matrix.
DESCRIPTION
(see Table III)
(see Table III)
(see Table III)
(see Table III)
SCLK
SYNC
DIN
Invalid Write-Sync Interrupt:
SYNC HIGH before 24th Falling Edge
Valid Write -Buffer/DAC Update:
SYNC HIGH after 24th Falling Edge
DB23 DB22
12
12
DB0
DB23 DB22
DB1
DB0
24th Falling
Edge
24th Falling
Edge
FIGURE 4. Interrupt and Valid SYNC Timing.


Similar Part No. - DAC8532IDGKR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
DAC8532IDGKR TI1-DAC8532IDGKR Datasheet
826Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKR TI-DAC8532IDGKR Datasheet
812Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKRG4 TI1-DAC8532IDGKRG4 Datasheet
826Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKRG4 TI-DAC8532IDGKRG4 Datasheet
812Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8532IDGKR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
DAC8532IDGKG4 TI1-DAC8532IDGKG4 Datasheet
826Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKG4 TI-DAC8532IDGKG4 Datasheet
812Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532 TI-DAC8532_15 Datasheet
1Mb / 27P
[Old version datasheet]   DAC8532 Dual Channel, 16-Bit, Low Power, Serial Input Digital-To-Analog Converter
DAC8534 TI-DAC8534 Datasheet
362Kb / 20P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8534IPWRG4 TI1-DAC8534IPWRG4 Datasheet
735Kb / 24P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
Burr-Brown (TI)
Burr-Brown (TI)
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
   Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
Texas Instruments
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz