Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN08133 Datasheet(PDF) 1 Page - ice Components, Ins.

Part No. IN08133
Description  Isat is the current at which the inductance drops by 15%.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICE [ice Components, Ins.]
Homepage  http://www.icecomponents.com
Logo 

IN08133 Datasheet(HTML) 1 Page - ice Components, Ins.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ICE Components, Inc.
Tel 678-560-9172 Fax 678-560-9304
cust.serv@icecomp.com
www.icecomponents.com
1165 Allgood Rd., Ste. #20, Marietta, GA 30062
General Information
Customer
Part Number
IN08133
Revision
Description
Inductor
Date
JUL-20-2009
Reference
--
Doc Control #
--
Issue (For ICE use only) --
Mechanical Drawing
IN08133
YYWW
10.0 MAX
1.8+/-0.15
(X2)
7.5+/-0.3
5.7+/-0.25
0.48+/-0.1
0.1 max
for coplanarity
unit:mm
Specification
Sample Test Data
Item
Pins
Spec
Test Condition
Inductance @0Adc S - F
100 nH +/- 15%
1MHz, 0.1Vrms, series
Inductance @Isat at
25degC
S - F
70 nH min
1MHz, 0.1Vrms, series (85Adc)
DCR
S - F
0.8 mOhms +/- 10% +25 deg C
Isat at 25degC
S - F
85 Adc max
Isat at +125degC
S - F
75 Adc max
Schematic
S
F
Recommended PCB Layout
9.5
8.0
2.0
unit:mm
Remark
1.
Isat is the current at which the inductance
drops by 15%.
2.
This is RoHS compliant product.
3.
The max operating temperature is
130degC (ambient + temperature rise).
4.
Inductance vs. Current Curve as attached.
Rev.
Description
PRD
CHK
APP
Date NTFY
0
Initial release
Emily
Gary
L. L. Chou 2009/7/20 2009/7/20
Sample approval is required before
release to production. Sample
specifications take precedence over
customer specifications.
__________________________
Customer Signature
FORM NO. : I10105-02
PAGE 1 OF 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn