CY7C187
Document #: 38-05044 Rev. **
Page 2 of 9
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage to Ground Potential
(Pin 22 to Pin 11) ........................................... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[2] ............................................ –0.5V to +7.0V
DC Input Voltage[2] .........................................–0.5V to +7.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage ........................................... >2001V
(per MIL–STD–883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Electrical Characteristics Over the Operating Range
7C187-15
7C187-20
7C187-25, 35
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.,
IOH = –4.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min.,
IOL=12.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
2.2
VCC
2.2
VCC
V
VIL
Input LOW Voltage[2]
–0.5
0.8
–0.5
0.8
–0.5
0.8
V
IIX
Input Load Current
GND
< V
I < VCC
–5
+5
–5
+5
–5
+5
µA
IOZ
Output Leakage
Current
GND
< V
O < VCC,
Output Disabled
–5
+5
–5
+5
–5
+5
µA
IOS
Output Short
Circuit Current[3]
VCC = Max.,
VOUT = GND
–350
–350
–350
mA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA
90
80
70
mA
ISB1
Automatic CE Power-
Down Current[4]
Max. VCC, CE ≥ VIH
40
40
20
mA
ISB2
Automatic CE
Power-Down Current
Max. VCC,
CE
≥ V
CC – 0.3V,
VIN ≥ VCC – 0.3V
or VIN ≤ 0.3V
20
20
20
mA
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF
Notes:
2.
VIL (min.) = –3.0V for pulse durations less than 30 ns.
3.
Not more than 1 output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
4.
A pull-up resistor to VCC on the CE input is required to keep the device deselected during VCC power-up, otherwise ISB will exceed values given.
5.
Tested initially and after any design or process changes that may affect these parameters.