Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN08056 Datasheet(PDF) 2 Page - ice Components, Ins.

Part # IN08056
Description  This is RoHS compliant product
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IN08056 Datasheet(HTML) 2 Page - ice Components, Ins.

  IN08056 Datasheet HTML 1Page - ice Components, Ins. IN08056 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P/N: IN08056
Inductance VS Current
0.0
20.0
40.0
60.0
80.0
100.0
0
5
10
15
20
25
30
35
40
Current (DC)
PAGE 2 OF 2


Similar Part No. - IN08056

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08050 ICE-IN08050 Datasheet
57Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08052 ICE-IN08052 Datasheet
37Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08055 ICE-IN08055 Datasheet
54Kb / 2P
   This is RoHS compliant product
More results

Similar Description - IN08056

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08046 ICE-IN08046 Datasheet
35Kb / 2P
   This is RoHS compliant product
IN08055 ICE-IN08055 Datasheet
54Kb / 2P
   This is RoHS compliant product
IN08140 ICE-IN08140 Datasheet
33Kb / 2P
   This is RoHS compliant product
IN08028 ICE-IN08028 Datasheet
35Kb / 2P
   This is RoHS compliant product
IN07185 ICE-IN07185 Datasheet
32Kb / 1P
   This is RoHS compliant product
IN07195 ICE-IN07195 Datasheet
37Kb / 2P
   This is RoHS compliant product
IN07205 ICE-IN07205 Datasheet
37Kb / 2P
   This is RoHS compliant product
IN08008 ICE-IN08008 Datasheet
34Kb / 2P
   This is RoHS compliant product
IN12097 ICE-IN12097 Datasheet
39Kb / 2P
   This is RoHS compliant and halogen free product
logo
Projects Unlimited, Inc...
SMI-1324-TW-3V-R PUI-SMI-1324-TW-3V-R Datasheet
158Kb / 1P
   THIS PART IS RoHS 2002/95/EC COMPLIANT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com