Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN07205 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # IN07205
Description  This is RoHS compliant product
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IN07205 Datasheet(HTML) 1 Page - ice Components, Ins.

  IN07205 Datasheet HTML 1Page - ice Components, Ins. IN07205 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ICE Components, Inc.
Tel 678-560-9172 Fax 678-560-9304
cust.serv@icecomp.com
www.icecomponents.com
1165 Allgood Rd., Ste. #20, Marietta, GA 30062
General Information
Customer
Part Number
IN07205
Revision
0
Description
Inductor
Date
AUG-07-2009
Reference
--
Doc Control #
--
Issue(For ICE use only) --
Mechanical Drawing
IN07205
YYWW
9.5 MAX
1.8+/-0.15
(X2)
0.3+/-0.1
1.5+/-0.3
5.7+/-0.3
2.0+/-0.3
2.1+/-0.15
0.4+/-0.1(X2)
unit:mm
Specification
Sample Test Data
Item
Pins
Spec
Test Condition
Inductance @0Adc S - F
1.0 uH +/- 15%
500 kHz, 0.1Vrms, series
Inductance @Isat at
25degC
S - F
0.75 uH min
500 k Hz, 0.1Vrms, series
(19Adc)
DCR
S - F
2.3 mOhm typical
(3.0 mOhm max)
+25 deg C
Isat at 25degC
S - F
19 Adc max
Isat at +125degC
S - F
16 Adc max
Schematic
S
F
Recommended PCB Layout
8.3
8.2
2.0
2.3
3.2
3.0
3.5
unit:mm
Remark
1)
This is RoHS compliant product.
2)
Isat is the current at which the inductance
drops by 15%.
3)
Inductance vs. Current Curve as attached.
4)
The max operating temperature is 130degC
(ambient + temperature rise).
5)
The part is no problem to perform
IR-reflow.
Rev.
Description
PRD CHK
APP
Date
NTFY
0
Initial release
Emily
Gary
L. L. Chou
2009/8/7
2009/8/7
Sample approval is required before
release to production. Sample
specifications take precedence over
customer specifications.
__________________________
Customer Signature
FORM NO. : I10105-02
PAGE 1 OF 2


Similar Part No. - IN07205

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN07200 ICE-IN07200 Datasheet
57Kb / 2P
   Isat is the current at which the inductance drops by 20%.
More results

Similar Description - IN07205

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08046 ICE-IN08046 Datasheet
35Kb / 2P
   This is RoHS compliant product
IN08055 ICE-IN08055 Datasheet
54Kb / 2P
   This is RoHS compliant product
IN08140 ICE-IN08140 Datasheet
33Kb / 2P
   This is RoHS compliant product
IN08056 ICE-IN08056 Datasheet
34Kb / 2P
   This is RoHS compliant product
IN08028 ICE-IN08028 Datasheet
35Kb / 2P
   This is RoHS compliant product
IN07185 ICE-IN07185 Datasheet
32Kb / 1P
   This is RoHS compliant product
IN07195 ICE-IN07195 Datasheet
37Kb / 2P
   This is RoHS compliant product
IN08008 ICE-IN08008 Datasheet
34Kb / 2P
   This is RoHS compliant product
IN12097 ICE-IN12097 Datasheet
39Kb / 2P
   This is RoHS compliant and halogen free product
logo
Projects Unlimited, Inc...
SMI-1324-TW-3V-R PUI-SMI-1324-TW-3V-R Datasheet
158Kb / 1P
   THIS PART IS RoHS 2002/95/EC COMPLIANT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com