Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39811B4321P810 Datasheet(PDF) 4 Page - TDK Electronics

Part No. B39811B4321P810
Description  SAW Components SAW Rx filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39811B4321P810 Datasheet(HTML) 4 Page - TDK Electronics

  B39811B4321P810 Datasheet HTML 1Page - TDK Electronics B39811B4321P810 Datasheet HTML 2Page - TDK Electronics B39811B4321P810 Datasheet HTML 3Page - TDK Electronics B39811B4321P810 Datasheet HTML 4Page - TDK Electronics B39811B4321P810 Datasheet HTML 5Page - TDK Electronics B39811B4321P810 Datasheet HTML 6Page - TDK Electronics B39811B4321P810 Datasheet HTML 7Page - TDK Electronics B39811B4321P810 Datasheet HTML 8Page - TDK Electronics B39811B4321P810 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
December 11, 2013
B4321
806.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx filter
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
Input power at
791.25 ... 820.75
MHz
PIN
10
dBm
effective power in the on-state,
duty cycle 1:10
824.00 ... 924.00
MHz
PIN
20
dBm
peak power of GSM signal, duty
cycle 4:8
1710.0 ... 1990.0
MHz
PIN
20
dBm
peak power of GSM signal, duty
cycle 4:8


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn