Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39811B4321P810 Datasheet(PDF) 2 Page - TDK Electronics

Part No. B39811B4321P810
Description  SAW Components SAW Rx filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39811B4321P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39811B4321P810 Datasheet HTML 1Page - TDK Electronics B39811B4321P810 Datasheet HTML 2Page - TDK Electronics B39811B4321P810 Datasheet HTML 3Page - TDK Electronics B39811B4321P810 Datasheet HTML 4Page - TDK Electronics B39811B4321P810 Datasheet HTML 5Page - TDK Electronics B39811B4321P810 Datasheet HTML 6Page - TDK Electronics B39811B4321P810 Datasheet HTML 7Page - TDK Electronics B39811B4321P810 Datasheet HTML 8Page - TDK Electronics B39811B4321P810 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
December 11, 2013
B4321
806.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx filter
Data sheet
Application
s
Low-loss RF filter for LTE systems (Rx)
s
Impedance transformation from 50
Ω to 100 Ω
s
Unbalanced to balanced operation
s
Usable passband 29.5 MHz
Features
s
Package size 1.4 x1.1 x 0.4 mm3
s
Package code QCS5P
s
RoHS compatible
s
Approximate weight 0.003 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
AEC-Q200 qualified component family (operable
temperature range -40˚C to +85˚C)
s
Electrostatic Sensitive Device (ESD)
5
4
3
2
0.25
0.5
0.5
1.4
bottom view
side view
top view
Pin configuration
s
1
Input
s
3,4
Output, balanced
s
2,5
To be grounded
1
2,5
3
4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn