Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C185 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C185
Description  8K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C185 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C185 Datasheet HTML 1Page - Cypress Semiconductor CY7C185 Datasheet HTML 2Page - Cypress Semiconductor CY7C185 Datasheet HTML 3Page - Cypress Semiconductor CY7C185 Datasheet HTML 4Page - Cypress Semiconductor CY7C185 Datasheet HTML 5Page - Cypress Semiconductor CY7C185 Datasheet HTML 6Page - Cypress Semiconductor CY7C185 Datasheet HTML 7Page - Cypress Semiconductor CY7C185 Datasheet HTML 8Page - Cypress Semiconductor CY7C185 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
8K x 8 Static RAM
CY7C185
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05043 Rev. *A
Revised September 13, 2002
185
Features
• High speed
—15 ns
•Fast tDOE
• Low active power
— 715 mW
• Low standby power
— 220 mW
• CMOS for optimum speed/power
• Easy memory expansion with CE1, CE2, and OE features
• TTL-compatible inputs and outputs
• Automatic power-down when deselected
Functional Description[1]
The CY7C185 is a high-performance CMOS static RAM orga-
nized as 8192 words by 8 bits. Easy memory expansion is
provided by an active LOW chip enable (CE1), an active HIGH
chip enable (CE2), and active LOW output enable (OE) and
three-state drivers. This device has an automatic power-down
feature (CE1 or CE2), reducing the power consumption by 70%
when deselected. The CY7C185 is in a standard 300-mil-wide
DIP, SOJ, or SOIC package.
An active LOW write enable signal (WE) controls the writ-
ing/reading operation of the memory. When CE1 and WE in-
puts are both LOW and CE2 is HIGH, data on the eight data
input/output pins (I/O0 through I/O7) is written into the memory
location addressed by the address present on the address
pins (A0 through A12). Reading the device is accomplished by
selecting the device and enabling the outputs, CE1 and OE
active LOW, CE2 active HIGH, while WE remains inactive or
HIGH. Under these conditions, the contents of the location ad-
dressed by the information on address pins are present on the
eight data input/output pins.
The input/output pins remain in a high-impedance state unless
the chip is selected, outputs are enabled, and write enable
(WE) is HIGH. A die coat is used to insure alpha immunity.
Logic Block Diagram
Pin Configurations
A1
A2
A3
A4
A5
A6
A7
A8
I/O0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
WE
CE2
A3
A2
A1
OE
A0
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
NC
A4
A5
A6
A7
A8
A9
A10
A11
A12
I/O0
I/O1
I/O2
GND
256 x 32 x 8
ARRAY
INPUT BUFFER
COLUMN DECODER
POWER
DOWN
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
CE1
CE2
WE
OE
Top View
DIP/SOJ/SOIC
Selection Guide[2]
7C185-15
7C185-20
7C185-25
7C185-35
Maximum Access Time (ns)
15
20
25
35
Maximum Operating Current (mA)
130
110
100
100
Maximum Standby Current (mA)
40/15
20/15
20/15
20/15
Note:
1.
For guidelines on SRAM system design, please refer to the ‘System Design Guidelines’ Cypress application note, available on the internet at www.cypress.com.
2.
For military specifications, see the CY7C185A data sheet.


Similar Part No. - CY7C185

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185 Datasheet
200Kb / 11P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C185-15PC CYPRESS-CY7C185-15PC Datasheet
200Kb / 11P
   8K x 8 Static RAM
CY7C185-15SC CYPRESS-CY7C185-15SC Datasheet
200Kb / 11P
   8K x 8 Static RAM
More results

Similar Description - CY7C185

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
   8K X 8 STATIC RAM
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com