Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8900A-CQ3 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS8900A-CQ3
Description  Crystal LAN ??ISA Ethernet Controller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A-CQ3 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8900A-CQ3 Datasheet HTML 6Page - Cirrus Logic CS8900A-CQ3 Datasheet HTML 7Page - Cirrus Logic CS8900A-CQ3 Datasheet HTML 8Page - Cirrus Logic CS8900A-CQ3 Datasheet HTML 9Page - Cirrus Logic CS8900A-CQ3 Datasheet HTML 10Page - Cirrus Logic CS8900A-CQ3 Datasheet HTML 11Page - Cirrus Logic CS8900A-CQ3 Datasheet HTML 12Page - Cirrus Logic CS8900A-CQ3 Datasheet HTML 13Page - Cirrus Logic CS8900A-CQ3 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
10
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
1.3 Key Features and Benefits
1.3.1 Very Low Cost
The CS8900A is designed to provide the lowest-
cost Ethernet solution available for embedded ap-
plications, portable motherboards, non-ISA bus
systems and adapter cards. Cost-saving features in-
clude:
Integrated RAM eliminates the need for expen-
sive external memory chips.
On-chip 10BASE-T filters allow designers to
use simple isolation transformers instead of
more costly filter/transformer packages.
The serial EEPROM port, used for configura-
tion and initialization, eliminates the need for
expensive switches and jumpers.
The CS8900A is designed to be used on a 2-
layer circuit board instead of a more expensive
multilayer board.
The 8900A-based solution offers the smallest
footprint available, saving valuable printed cir-
cuit board area.
A set of certified software drivers is available at
no charge, eliminating the need for costly soft-
ware development.
1.3.2 High Performance
The CS8900A is a full 16-bit Ethernet controller
designed to provide optimal system performance
by minimizing time on the ISA bus and CPU over-
head per frame. It offers equal or superior perfor-
mance for less money when compared to other
Ethernet controllers. The CS8900A’s PacketPage
architecture allows software to select whichever
access method is best suited to each particular
CPU/ISA-bus configuration. When compared to
older I/O-space designs, PacketPage is faster, sim-
pler and more efficient.
To boost performance further, the CS8900A in-
cludes several key features that increase throughput
and lower CPU overhead, including:
StreamTransfer cuts up to 87% of interrupts to
the host CPU during large block transfers.
Auto-Switch DMA allows the CS8900A to
maximize throughput while minimizing missed
frames.
Early interrupts allow the host to preprocess in-
coming frames.
On-chip buffering of full frames cuts the
amount of host bandwidth needed to manage
Ethernet traffic.
1.3.3 Low Power and Low Noise
For low power needs, the CS8900A offers three
power-down options: Hardware Standby, Hard-
ware Suspend, and Software Suspend. In Standby
mode, the chip is powered down with the exception
of the 10BASE-T receiver, which is enabled to lis-
ten for link activity. In either Hardware or Software
Suspend mode, the receiver is disabled and power
consumption drops to the micro-ampere range.
In addition, the CS8900A has been designed for
very low noise emission, thus shortening the time
required for EMI testing and qualification.
1.3.4 Complete Support
The CS8900A comes with a suite of software driv-
ers for immediate use with most industry standard
network operating systems. In addition, complete
evaluation kits and manufacturing packages are
available, significantly reducing the cost and time
required to produce new Ethernet products.


Similar Part No. - CS8900A-CQ3

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8900A-CQ3 CIRRUS-CS8900A-CQ3 Datasheet
2Mb / 137P
   Crystal LAN TM ISA Ethernet Controller
CS8900A-CQ3 CIRRUS-CS8900A-CQ3 Datasheet
2Mb / 138P
   Crystal LAN ??ISA Ethernet Controller
logo
Pulse A Technitrol Comp...
CS8900A-CQ3 PULSE-CS8900A-CQ3 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Cirrus Logic
CS8900A-CQ3Z CIRRUS-CS8900A-CQ3Z Datasheet
2Mb / 138P
   Crystal LAN ??ISA Ethernet Controller
More results

Similar Description - CS8900A-CQ3

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A_07 Datasheet
2Mb / 138P
   Crystal LAN ??ISA Ethernet Controller
CS8900A CIRRUS-CS8900A_01 Datasheet
2Mb / 137P
   Crystal LAN TM ISA Ethernet Controller
CS8920A CIRRUS-CS8920A Datasheet
1Mb / 144P
   CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
logo
Advanced Micro Devices
AM79C960 AMD-AM79C960 Datasheet
814Kb / 127P
   PCnetTM-ISA Single-Chip Ethernet Controller
AM79C961 AMD-AM79C961 Datasheet
1Mb / 173P
   PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
   ISA/Plug & Play Super Ethernet Controller
logo
Intel Corporation
82595FX INTEL-82595FX Datasheet
643Kb / 54P
   ISA BUS HIGH INTEGRATION ETHERNET CONTROLLER
82595TX INTEL-82595TX Datasheet
709Kb / 59P
   ISA/PCMCIA HIGH INTEGRATION ETHERNET CONTROLLER
logo
List of Unclassifed Man...
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
   FAST ETHERNET PCMCIA LAN CONTROLLER
logo
InnovASIC, Inc
IA186ES INNOVASIC-IA186ES Datasheet
94Kb / 19P
   PCI FAST ETHERNET LAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com