Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39791B8541P810 Datasheet(PDF) 4 Page - TDK Electronics

Part No. B39791B8541P810
Description  SAW Components SAW duplexer
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

B39791B8541P810 Datasheet(HTML) 4 Page - TDK Electronics

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
December 16, 2014
B8541
733.0 / 788.0 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW duplexer
DataSheet
Characteristics
Temperature range for specification:
T
= –20 ˚C to +90 ˚C
ANT terminating impedance:
ZANT=
50
Ω || 6.0 nH
TX terminating impedance:
ZTX =
50
Ω + 4.0 nH (series)
RX terminating impedance:
ZRX =
50
Characteristics Rx - Ant
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
788.0
MHz
Maximum insertion attenuation
α
773.240...
802.760MHz
2.1
2.8
dB
Amplitude ripple
α
773.240...
802.760MHz
0.7
1.4
dB
VSWR
RX port
773.0
...
803.0
MHz
1.8
2.2
ANT port
773.0
...
803.0
MHz
1.4
2.2
Attenuation
α
1.0
...
699.0
MHz
40
62
dB
45.0
...
65.0
MHz
50
70
dB
703.240...
732.760MHz
30
71
dB
718.240...
747.760MHz
50
61
dB
824.0
... 6000.0
MHz
26
30
dB
Characteristics TX - RX
min.
typ.
@ 25 ˚C
max.
Isolation
α
718.240...
747.760MHz
60
64
dB
773.240...
802.760MHz
541)
1) 53 dB for T= -20˚C to +20˚C
57
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn