Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39791B8541P810 Datasheet(PDF) 3 Page - TDK Electronics

Part No. B39791B8541P810
Description  SAW Components SAW duplexer
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

B39791B8541P810 Datasheet(HTML) 3 Page - TDK Electronics

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
December 16, 2014
B8541
733.0 / 788.0 MHz
SAW Components
SAW duplexer
DataSheet
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +90 ˚C
ANT terminating impedance:
ZANT=
50
Ω || 6.0 nH
TX terminating impedance:
ZTX =
50
Ω + 4.0 nH (series)
RX terminating impedance:
ZRX =
50
Characteristics Tx - Ant
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
733.0
MHz
Maximum insertion attenuation
α
718.240...
747.760MHz
1.9
2.8
dB
Amplitude ripplle
α
718.240...
747.760MHz
1.0
1.9
dB
VSWR
TX port
718.0
...
748.0
MHz
1.7
2.0
ANT port
718.0
...
748.0
MHz
1.4
2.0
Attenuation
α
10.0
...
698.0
MHz
30
38
dB
698.0 ...
710.0
MHz
15
38
dB
758.240...
772.760MHz
15
30
dB
773.240...
802.760MHz
41
44
dB
859.0
...
894.0
MHz
30
38
dB
1225.0
... 1250.0
MHz
40
47
dB
1436.0
... 1510.0
MHz
35
40
dB
1559.0
... 1563.0
MHz
35
39
dB
1565.42 ... 1573.374MHz
35
39
dB
1573.374... 1577.466MHz
35
39
dB
1577.466... 1585.42 MHz
35
39
dB
1597.55 ... 1605.89 MHz
35
39
dB
1805.0
... 1880.0
MHz
30
37
dB
1930.0
... 1995.0
MHz
30
36
dB
2010.0
... 2025.0
MHz
30
36
dB
2154.0
... 2244.0
MHz
30
35
dB
2400.0
... 2484.0
MHz
28
34
dB
2570.0
... 2620.0
MHz
28
34
dB
2872.0
... 2992.0
MHz
15
33
dB
4900.0
... 5950.0
MHz
15
23
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn