Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39791B8530P810 Datasheet(PDF) 5 Page - TDK Electronics

Part No. B39791B8530P810
Description  SAW Components SAW duplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39791B8530P810 Datasheet(HTML) 5 Page - TDK Electronics

  B39791B8530P810 Datasheet HTML 1Page - TDK Electronics B39791B8530P810 Datasheet HTML 2Page - TDK Electronics B39791B8530P810 Datasheet HTML 3Page - TDK Electronics B39791B8530P810 Datasheet HTML 4Page - TDK Electronics B39791B8530P810 Datasheet HTML 5Page - TDK Electronics B39791B8530P810 Datasheet HTML 6Page - TDK Electronics B39791B8530P810 Datasheet HTML 7Page - TDK Electronics B39791B8530P810 Datasheet HTML 8Page - TDK Electronics B39791B8530P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
February 07, 2014
B8530
733.0 / 788.0 MHz
SAW Components
SAW duplexer
Preliminary Data
Please read cautions and warnings and
important notes at the end of this document.
Maximum ratings
Storage temperature range
Tstg
–40/+851)
1) Extended upperlimit: 168@125˚C acc. to IEC 60068-2-2 Bb.
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
1002)
2) acc. to JESD22-A115B (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
ESD voltage
VESD
3003)
3) acc. to JESD22-A114F (human body model), 1 negative & 1 positive pulses.
V
HBM,+/- 1 pulses
ESD voltage
VESD
6004)
4) acc. to JESD22-A101C (charge device model), 3 negative & 3 positive pulse
V
CDM,+/- 3 pulses
Input power at
PIN
718.240 ... 747.760 MHz
elsewhere
27.0
10
dBm
dBm
continuous wave
50 ˚C, 5000 h
}


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn