Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39791B8530P810 Datasheet(PDF) 4 Page - TDK Electronics

Part No. B39791B8530P810
Description  SAW Components SAW duplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39791B8530P810 Datasheet(HTML) 4 Page - TDK Electronics

  B39791B8530P810 Datasheet HTML 1Page - TDK Electronics B39791B8530P810 Datasheet HTML 2Page - TDK Electronics B39791B8530P810 Datasheet HTML 3Page - TDK Electronics B39791B8530P810 Datasheet HTML 4Page - TDK Electronics B39791B8530P810 Datasheet HTML 5Page - TDK Electronics B39791B8530P810 Datasheet HTML 6Page - TDK Electronics B39791B8530P810 Datasheet HTML 7Page - TDK Electronics B39791B8530P810 Datasheet HTML 8Page - TDK Electronics B39791B8530P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
February 07, 2014
B8530
733.0 / 788.0 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW duplexer
Preliminary Data
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
ANT terminating impedance:
ZANT=
50
Ω || 7.5 nH
TX terminating impedance:
ZTX =
50
Ω + 4.0 nH (series)
RX terminating impedance:
ZRX =
50
Characteristics Rx - Ant
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
788.0
MHz
Maximum insertion attenuation
α
773.240...
802.760MHz
2.3
3.0
dB
Amplitude ripple
α
773.240...
802.760MHz
0.9
1.8
dB
VSWR
RX port
773.0
...
803.0
MHz
1.7
2.1
ANT port
773.0
...
803.0
MHz
1.6
2.0
Attenuation
α
1.0
...
699.0
MHz
40
62
dB
45.0
...
65.0
MHz
50
70
dB
703.0
...
718.0
MHz
30
42
dB
718.240...
747.760MHz
50
55
dB
820.0
... 6000.0
MHz
26
30
dB
Characteristics TX - RX
min.
typ.
@ 25 ˚C
max.
Isolation
α
718.240...
747.760MHz
55
59
dB
773.240...
802.760MHz
50
55
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn