Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39791B8530P810 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39791B8530P810
Description  SAW Components SAW duplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39791B8530P810 Datasheet(HTML) 3 Page - TDK Electronics

  B39791B8530P810 Datasheet HTML 1Page - TDK Electronics B39791B8530P810 Datasheet HTML 2Page - TDK Electronics B39791B8530P810 Datasheet HTML 3Page - TDK Electronics B39791B8530P810 Datasheet HTML 4Page - TDK Electronics B39791B8530P810 Datasheet HTML 5Page - TDK Electronics B39791B8530P810 Datasheet HTML 6Page - TDK Electronics B39791B8530P810 Datasheet HTML 7Page - TDK Electronics B39791B8530P810 Datasheet HTML 8Page - TDK Electronics B39791B8530P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
February 07, 2014
B8530
733.0 / 788.0 MHz
SAW Components
SAW duplexer
Preliminary Data
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
ANT terminating impedance:
ZANT=
50
Ω || 7.5 nH
TX terminating impedance:
ZTX =
50
Ω + 4.0 nH (series)
RX terminating impedance:
ZRX =
50
Characteristics Tx - Ant
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
733.0
MHz
Maximum insertion attenuation
α
718.240...
747.760MHz
1.9
2.9
dB
Amplitude ripplle
α
718.240...
747.760MHz
1.3
2.3
dB
VSWR
TX port
718.0
...
748.0
MHz
1.7
2.1
ANT port
718.0
...
748.0
MHz
1.7
2.0
Attenuation
α
10.0
...
698.0
MHz
30
36
dB
698.0 ...
710.0
MHz
15
36
dB
758.0
...
773.0
MHz
20
30
dB
773.240...
802.760MHz
41
44
dB
859.0
...
894.0
MHz
30
38
dB
1225.0
... 1250.0
MHz
35
41
dB
1436.0
... 1510.0
MHz
33
36
dB
1559.0
... 1563.0
MHz
30
36
dB
1565.42 ... 1573.374MHz
31
36
dB
1573.374... 1577.466MHz
30
35
dB
1577.466... 1585.42 MHz
30
35
dB
1597.55 ... 1605.89 MHz
30
35
dB
1805.0
... 1880.0
MHz
30
34
dB
1930.0
... 1995.0
MHz
30
33
dB
2010.0
... 2025.0
MHz
30
33
dB
2154.0
... 2244.0
MHz
25
31
dB
2400.0
... 2484.0
MHz
25
32
dB
2570.0
... 2620.0
MHz
25
32
dB
2872.0
... 2992.0
MHz
15
31
dB
4900.0
... 5950.0
MHz
15
20
dB


Similar Part No. - B39791B8530P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39791B8539P810 TDK-B39791B8539P810 Datasheet
172Kb / 11P
   SAW Components SAW duplexer
More results

Similar Description - B39791B8530P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B8522P810 TDK-B39202B8522P810 Datasheet
347Kb / 13P
   SAW Components SAW Duplexer
B39212B8524P810 TDK-B39212B8524P810 Datasheet
274Kb / 18P
   SAW Components SAW Duplexer
B39202B8607P810 TDK-B39202B8607P810 Datasheet
210Kb / 12P
   SAW Components SAW Duplexer
B39202B8618P810 TDK-B39202B8618P810 Datasheet
350Kb / 13P
   SAW Components SAW Duplexer
B39212B8651P810 TDK-B39212B8651P810 Datasheet
388Kb / 17P
   SAW Components SAW Duplexer
B39851B8581P810 TDK-B39851B8581P810 Datasheet
229Kb / 12P
   SAW Components SAW Duplexer
B39741B4407P810 TDK-B39741B4407P810 Datasheet
182Kb / 11P
   SAW Components SAW Duplexer
B39851B8633P810 TDK-B39851B8633P810 Datasheet
178Kb / 12P
   SAW Components SAW Duplexer
B39791B7929P810 TDK-B39791B7929P810 Datasheet
197Kb / 11P
   SAW Components SAW Duplexer
B39741B8526P810 TDK-B39741B8526P810 Datasheet
239Kb / 15P
   SAW Components SAW Duplexer
B39741B8570P810 TDK-B39741B8570P810 Datasheet
225Kb / 13P
   SAW Components SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com