Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B39791B8530P810 Datasheet(PDF) 2 Page - TDK Electronics

Part No. B39791B8530P810
Description  SAW Components SAW duplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39791B8530P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39791B8530P810 Datasheet HTML 1Page - TDK Electronics B39791B8530P810 Datasheet HTML 2Page - TDK Electronics B39791B8530P810 Datasheet HTML 3Page - TDK Electronics B39791B8530P810 Datasheet HTML 4Page - TDK Electronics B39791B8530P810 Datasheet HTML 5Page - TDK Electronics B39791B8530P810 Datasheet HTML 6Page - TDK Electronics B39791B8530P810 Datasheet HTML 7Page - TDK Electronics B39791B8530P810 Datasheet HTML 8Page - TDK Electronics B39791B8530P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
February 07, 2014
B8530
733.0 / 788.0 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW duplexer
Preliminary Data
Application
s
Low-loss SAW duplexer for mobile telephone LTE
Band XXVIII systems
s
Low insertion attenuation
s
Usable passband 30 MHz
s
Duplexer for higher part of Band XXVIII (Block B)
s
Companion type is B8528 for lower Band XXVIII
(Block A)
Features
s
Package size 1.8 x 1.4mm2,
package height 0.475mm max.
s
RoHS compatible
s
Approximate weight 0.0042 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitive Level 3
bottom view
top view
side view
0.3
4
0.35
8
4
8
1.8
1
2
3
6
5
7
5
6
1
2
3
7
Pin configuration
s
1
RX output
s
3
TX input
s
6
Antenna
s
2,4,5,7,8
Ground
2,4,5
1
3
6
7,8


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn