Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6E1C31B0AGN20000 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # S6E1C31B0AGN20000
Description  32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E1C31B0AGN20000 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button S6E1C31B0AGN20000 Datasheet HTML 2Page - Cypress Semiconductor S6E1C31B0AGN20000 Datasheet HTML 3Page - Cypress Semiconductor S6E1C31B0AGN20000 Datasheet HTML 4Page - Cypress Semiconductor S6E1C31B0AGN20000 Datasheet HTML 5Page - Cypress Semiconductor S6E1C31B0AGN20000 Datasheet HTML 6Page - Cypress Semiconductor S6E1C31B0AGN20000 Datasheet HTML 7Page - Cypress Semiconductor S6E1C31B0AGN20000 Datasheet HTML 8Page - Cypress Semiconductor S6E1C31B0AGN20000 Datasheet HTML 9Page - Cypress Semiconductor S6E1C31B0AGN20000 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 107 page
background image
Document Number: 002-00233 Rev.*B
Page 6 of 107
S6E1C3 Series
1. Product Lineup
Memory Size
Product name
S6E1C31B0A/
S6E1C31C0A/
S6E1C31D0A
S6E1C32B0A/
S6E1C32C0A/
S6E1C32D0A
On-chip Flash memory
64 Kbytes
128 Kbytes
On-chip SRAM
12 Kbytes
16 Kbytes
Function
Product name
S6E1C32B0A
(WLCSP)
S6E1C32B0A/
S6E1C31B0A
S6E1C32C0A/
S6E1C32C0A
S6E1C31D0A/
S6E1C32D0A
Pin count
TBD
32
48
64
CPU
Cortex-M0+
Frequency
40.8 MHz
Power supply voltage range
1.65 V to 3.6 V
USB2.0 (Device/Host)
1 unit
DSTC
64 ch.
Multi-function Serial Interface
(UART/CSIO/I2C/I2S)
2 ch. (Max)
Ch.0/3 without
FIFO
4 ch. (Max)
Ch.0/1/3 without
FIFO
Ch. 6 with FIFO
6 ch. (Max)
Ch.0/1/3 without
FIFO
Ch.4/6/7 with
FIFO
6 ch. (Max)
Ch.0/1/3 without
FIFO
Ch.4/6/7 with
FIFO
I2S : No
I2S : 1 ch (Max)
Ch. 6 with FIFO
I2S : 2 ch (Max)
Ch. 4/6 with FIFO
Base Timer
(PWC/Reload timer/PWM/PPG)
8 ch. (Max)
Dual Timer
1 unit
HDMI-CEC/ Remote Control
Receiver
1 ch.(Max)
Ch.1
2 ch (Max)
Ch.0/1
I2C Slave
No
1 ch (Max)
Smart Card Interface
No
1 ch (Max)
Real-time Clock
1 unit
Watch Counter
1 unit
CRC Accelerator
Yes
Watchdog timer
1 ch. (SW) + 1 ch. (HW)
External Interrupt
5 pins (Max),
NMI × 1
7 pins (Max),
NMI x 1
9 pins (Max),
NMI x 1
12 pins (Max),
NMI x 1
I/O port
20 pins (Max)
24 pins (Max)
38 pins (Max)
54 pins (Max)
12-bit A/D converter
4 ch (1 unit)
6 ch. (1 unit)
8 ch. (1 unit)
8 ch. (1 unit)
CSV (Clock Supervisor)
Yes
LVD (Low-voltage Detection)
2 ch.
Built-in CR
High-speed
8 MHz (Typ)
Low-speed
100 kHz (Typ)
Debug Function
SW-DP
Unique ID
Yes
Note:
All signals of the peripheral function in each product cannot be allocated by limiting the pins of package. It is necessary to use
the port relocate function of the I/O port according to your function use.
See "11. Electrical Characteristics 11.4 AC Characteristics 11.4.3 Built-in CR Oscillation Characteristics" for accuracy of built-in
CR.


Similar Part No. - S6E1C31B0AGN20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1C31B0AGN20000 CYPRESS-S6E1C31B0AGN20000 Datasheet
3Mb / 109P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
More results

Similar Description - S6E1C31B0AGN20000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1C CYPRESS-S6E1C Datasheet
3Mb / 109P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1C1 CYPRESS-S6E1C1 Datasheet
2Mb / 100P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1A CYPRESS-S6E1A Datasheet
2Mb / 96P
   32-bit ARM짰 Cortex짰-M0FM0 Microcontroller
S6E1B8 CYPRESS-S6E1B8 Datasheet
1Mb / 128P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B3 CYPRESS-S6E1B3 Datasheet
1Mb / 115P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1A11B0A CYPRESS-S6E1A11B0A Datasheet
1Mb / 95P
   32-Bit ARM짰 Cortex짰 FM0 based Microcontroller
logo
NXP Semiconductors
LPC81XM NXP-LPC81XM_18 Datasheet
888Kb / 78P
   32-bit ARM짰 Cortex짰-M0 microcontroller
Rev. 4.6-4 April 2018
LPC804 NXP-LPC804 Datasheet
2Mb / 81P
   32-bit Arm짰 Cortex짰-M0 microcontroller
Rev. 1.3-23 March 2018
logo
Nuvoton Technology Corp...
M051 NUVOTON-M051 Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
MINI55 NUVOTON-MINI55 Datasheet
1Mb / 74P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com