Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S27KL0641DABHI020 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S27KL0641DABHI020
Description  HyperRAM??Self-Refresh DRAM 3.0V/1.8V 64 Mb (8 MB)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S27KL0641DABHI020 Datasheet(HTML) 2 Page - Cypress Semiconductor

  S27KL0641DABHI020 Datasheet HTML 1Page - Cypress Semiconductor S27KL0641DABHI020 Datasheet HTML 2Page - Cypress Semiconductor S27KL0641DABHI020 Datasheet HTML 3Page - Cypress Semiconductor S27KL0641DABHI020 Datasheet HTML 4Page - Cypress Semiconductor S27KL0641DABHI020 Datasheet HTML 5Page - Cypress Semiconductor S27KL0641DABHI020 Datasheet HTML 6Page - Cypress Semiconductor S27KL0641DABHI020 Datasheet HTML 7Page - Cypress Semiconductor S27KL0641DABHI020 Datasheet HTML 8Page - Cypress Semiconductor S27KL0641DABHI020 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Document Number: 001-97964 Rev. *E
Page 2 of 29
S27KL0641, S27KS0641
ADVANCE
Contents
1.
General Description..................................................... 3
2.
HyperRAM Product Overview ..................................... 4
3.
HyperBus Interface ...................................................... 5
3.1 Command-Address Bit Assignments ............................. 5
3.2 Read Transactions......................................................... 6
3.3 Write to Memory Space Transactions............................ 6
4.
Memory Space.............................................................. 7
5.
Register Space ............................................................. 7
5.1 Device Identification Registers....................................... 7
5.2 Register Space Access.................................................. 8
HyperRAM Hardware Interface
6.
Interface States .......................................................... 15
6.1 Power Conservation Modes......................................... 15
7.
Electrical Specifications............................................ 17
7.1 Absolute Maximum Ratings .......................................... 17
7.2 Latchup Characteristics ................................................ 18
7.3 Operating Ranges......................................................... 18
7.4 DC Characteristics........................................................ 18
7.5 Power-Up Initialization .................................................. 20
7.6 Power Down ................................................................. 21
7.7 Hardware Reset............................................................ 22
8.
Timing Specifications................................................. 23
8.1 AC Characteristics ........................................................ 23
9.
Physical Interface ....................................................... 25
10. Ordering Information.................................................. 25
10.1 Ordering Part Number................................................... 25
10.2 Valid Combinations....................................................... 26
11. Errata............................................................................ 27
12. Revision History.......................................................... 28


Similar Part No. - S27KL0641DABHI020

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
S27KL0642 INFINEON-S27KL0642 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S27KL0642DPBHA020 INFINEON-S27KL0642DPBHA020 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S27KL0642DPBHA023 INFINEON-S27KL0642DPBHA023 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S27KL0642DPBHB020 INFINEON-S27KL0642DPBHB020 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S27KL0642DPBHB023 INFINEON-S27KL0642DPBHB023 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
More results

Similar Description - S27KL0641DABHI020

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
S27KL0642 INFINEON-S27KL0642 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S80KS5123 INFINEON-S80KS5123 Datasheet
827Kb / 54P
   512 Mb: HYPERRAM??self-refresh dynamic RAM (DRAM) with Octal xSPI interface
002-31340 Rev. *C
S80KS5122 INFINEON-S80KS5122 Datasheet
1,002Kb / 53P
   512 Mb: HYPERRAM??self-refresh dynamic RAM (DRAM) with HYPERBUS??interface 1.8 V
002-31338 Rev. *B
S80KS2562 INFINEON-S80KS2562 Datasheet
1Mb / 54P
   256 Mb: HYPERRAM??self-refresh dynamic RAM (DRAM) with HYPERBUS??interface 1.8 V
002-31337 Rev. *C
S80KS2563 INFINEON-S80KS2563 Datasheet
877Kb / 53P
   256 Mb: HYPERRAM??self-refresh dynamic RAM (DRAM) with Octal xSPI interface 1.8 V
002-31339 Rev. *C
S70KL1282 INFINEON-S70KL1282 Datasheet
1Mb / 57P
   128Mb HYPERRAM??self-refresh DRAM(PSRAM)
002-29416 Rev. *B
logo
Integrated Silicon Solu...
IS42S83200A ISSI-IS42S83200A Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
logo
Samsung semiconductor
M466F0804DT1-L SAMSUNG-M466F0804DT1-L Datasheet
463Kb / 20P
   8M x 64 DRAM SODIMM Using 4Mx16, 4K Refresh 3.3V, Low power/Self-Refresh
logo
Hitachi Semiconductor
HM5164805F HITACHI-HM5164805F Datasheet
490Kb / 35P
   64 MEDO DRAM (8-Mword X 8-bit) 8 k Refresh/4 k Refresh
logo
Elpida Memory
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com