Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6E1A12B0AGN2 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S6E1A12B0AGN2
Description  32-Bit ARM짰 Cortex짰 FM0 based Microcontroller
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E1A12B0AGN2 Datasheet(HTML) 2 Page - Cypress Semiconductor

  S6E1A12B0AGN2 Datasheet HTML 1Page - Cypress Semiconductor S6E1A12B0AGN2 Datasheet HTML 2Page - Cypress Semiconductor S6E1A12B0AGN2 Datasheet HTML 3Page - Cypress Semiconductor S6E1A12B0AGN2 Datasheet HTML 4Page - Cypress Semiconductor S6E1A12B0AGN2 Datasheet HTML 5Page - Cypress Semiconductor S6E1A12B0AGN2 Datasheet HTML 6Page - Cypress Semiconductor S6E1A12B0AGN2 Datasheet HTML 7Page - Cypress Semiconductor S6E1A12B0AGN2 Datasheet HTML 8Page - Cypress Semiconductor S6E1A12B0AGN2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 95 page
background image
Document Number: 002-05091 Rev.*A
Page 2 of 95
S6E1A11B0A/C0A
S6E1A12B0A/C0A
A/D Converter (Max: 8 channels)
12-bit A/D Converter
Successive approximation type
Conversion time: 0.8
μs @ 5 V (S6E1A1xC0A) / 2.0 μs
(S6E1A1xB0A)
Priority conversion available (2 levels of priority)
Scan conversion mode
Built-in FIFO for conversion data storage (for scan
conversion: 16 steps, for priority conversion: 4 steps)
Base Timer (Max: 4 channels)
The operation mode of each channel can be selected from one
of the following.
16-bit PWM timer
16-bit PPG timer
16/32-bit reload timer
16/32-bit PWC timer
General-purpose I/O Port
This series can use its pin as a general-purpose I/O port when
it is not used for an external bus or a peripheral function. All
ports can be set to fast general-purpose I/O ports or slow
general-purpose I/O ports. In addition, this series has a port
relocate function that can set to which I/O port a peripheral
function can be allocated.
All ports are Fast GPIO which can be accessed by 1cycle
Capable of controlling the pull-up of each pin
Capable of reading pin level directly
Port relocate function
Up to 37 fast general-purpose I/O ports @48pin package
Certain ports are 5 V tolerant.
See "3. Pin Assignment" and "5. I/O Circuit Type" for details
of such pins.
Dual Timer (32/16-bit Down Counter)
The Dual Timer consists of two programmable 32/16-bit down
counters. The operation mode of each timer channel can be
selected from one of the following.
Free-running mode
Periodic mode (= Reload mode)
One-shot mode
Quadrature Position/Revolution Counter (QPRC)
The Quadrature Position/Revolution Counter (QPRC) is used
to measure the position of the position encoder. In addition, it
can be used as an up/down counter.
The detection edge for the three external event input pins
AIN, BIN and ZIN is configurable.
16-bit position counter
16-bit revolution counter
Two 16-bit compare registers
Multi-function Timer
The Multi-function Timer consists of the following blocks.
16-bit free-run timer × 3 channels
Input capture × 4 channels
Output compare × 6 channels
ADC start compare × 6 channel
Waveform generator × 3 channels
16-bit PPG timer × 3 channels
IGBT mode is contained.
The following function can be used to achieve the motor
control.
PWM signal output function
DC chopper waveform output function
Dead time function
Input capture function
ADC start function
DTIF (motor emergency stop) interrupt function
Real-time Clock (RTC)
The Real-time Clock counts
year/month/day/hour/minute/second/day of the week from year
01 to year 99.
The RTC can generate an interrupt at a specific time
(year/month/day/hour/minute/second/day of the week) and
can also generate an interrupt in a specific year, in a specific
month, on a specific day, at a specific hour or at a specific
minute.
It has a timer interrupt function generating an interrupt upon
a specific time or at specific intervals.
It can keep counting while rewriting the time.
It can count leap years automatically.


Similar Part No. - S6E1A12B0AGN2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1A12B0AGN2 CYPRESS-S6E1A12B0AGN2 Datasheet
410Kb / 3P
   32-bit Microcontroller FM0 Family
S6E1A12B0AGN20000 CYPRESS-S6E1A12B0AGN20000 Datasheet
2Mb / 96P
   32-bit ARM짰 Cortex짰-M0FM0 Microcontroller
S6E1A12B0AGN2B000 CYPRESS-S6E1A12B0AGN2B000 Datasheet
2Mb / 96P
   32-bit ARM짰 Cortex짰-M0FM0 Microcontroller
More results

Similar Description - S6E1A12B0AGN2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1C1 CYPRESS-S6E1C1 Datasheet
2Mb / 100P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1C CYPRESS-S6E1C Datasheet
3Mb / 109P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1A CYPRESS-S6E1A Datasheet
2Mb / 96P
   32-bit ARM짰 Cortex짰-M0FM0 Microcontroller
S6E1B8 CYPRESS-S6E1B8 Datasheet
1Mb / 128P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1C3 CYPRESS-S6E1C3 Datasheet
2Mb / 107P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B3 CYPRESS-S6E1B3 Datasheet
1Mb / 115P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E2D5 CYPRESS-S6E2D5 Datasheet
262Kb / 5P
   S6E2D5 Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
S6E2DF CYPRESS-S6E2DF Datasheet
343Kb / 6P
   S6E2DF Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
S6E2DH CYPRESS-S6E2DH Datasheet
280Kb / 6P
   S6E2DH Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
S6E2CC CYPRESS-S6E2CC Datasheet
117Kb / 3P
   S6E2CC Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com