Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6E1A1 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S6E1A1
Description  32-bit Microcontroller FM0 Family
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E1A1 Datasheet(HTML) 2 Page - Cypress Semiconductor

  S6E1A1 Datasheet HTML 1Page - Cypress Semiconductor S6E1A1 Datasheet HTML 2Page - Cypress Semiconductor S6E1A1 Datasheet HTML 3Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S6E1A1 Series
32-bit Microcontroller
FM0+ Family
Fact Sheet (Full Production)
Publication Number S6E1A_NP710-00001
Revision 1.0
Issue Date July 16, 2014
Copyright © 2013 Spansion. All rights reserved. Spansion
®, the Spansion logo, MirrorBit®, MirrorBit® EclipseTM, ORNANDTM and combinations thereof, are
trademarks and registered trademarks of Spansion LLC in the United States and other countries. Other names used are for informational purposes only and
may be trademarks of their respective owners.
S6E1A1 Series are highly integrated 32-bit microcontrollers designed for embedded controllers aiming at low
power consumption and low cost. S6E1A1 Series are based on the ARM Cortex-M0+ Processor with Flash
memory and SRAM, and has peripheral functions such as Motor Control Timer, ADC and Communication
Interfaces.
1.
FEATURES
ARM Cortex-M0+ CPU Core
Processor version:r0p1
Clock
Maximum clock frequency:40MHz
Bit Band operation
Compatible with Cortex-M3 bit band operation
Base Timer:Max. 4 channels
Watch counter
Multi-function Timer:1 unit
16-bit free-run timer ×3 channels
Input capture ×4 channels
Output compare ×6 channels
A/D activation compare ×6channels
Waveform generator ×3 channels
16-bit PPG timer ×3 channels
QPRC:1 channel
Dual Timer:1 unit
Watch dog Timer:1 channel (SW) + 1 channel (HW)
Multi-function Serial Interface:Max. 3 channels
Selectable from UART/CSIO/LIN/I
2C
FIFO in all channels
Real Time Clock:1 unit
DMA Controller:2 channels
External Interrupt Controller Unit
External interrupt input pin:Max. 8 pins
Include one non-maskable interrupt (NMI)
12-bit A/D Converter:Max. 8 channels (1 unit)
Low Power Consumption Mode
Sleep mode/Timer mode/RTC mode/Stop mode
Peripheral Clock Gating
General Purpose I/O port
S6E1A11B0A/S6E1A12B0A:Max. 23 pins
S6E1A11C0A/S6E1A12C0A:Max. 37 pins
All ports are Fast GPIO can be accessed by 1cycle
Built-in CR
Unique ID
Debug
Serial Wire Debug Port (SW-DP)
Micro Trace Buffer(MTB)
Low Voltage Detector
Clock Supervisor
Power Supply:2.7 to 5.5V
2.
PRODUCT LINEUP
Part number
Parameter
S6E1A11B0A
S6E1A11C0A
S6E1A12B0A
S6E1A12C0A
Flash Memory
(Byte)
56K
88K
RAM
(Byte)
6K
6K
3.
ORDERING INFORMATION
Part number
Package
S6E1A11B0AGP2
Plastic・LQFP(0.8mm pitch), 32-pins
(FPT-32P-M30)
S6E1A12B0AGP2
S6E1A11B0AGN2
Plastic・QFN(0.5mm pitch), 32-pins
(LCC-32P-M73)
S6E1A12B0AGN2
S6E1A11C0AGV2
Plastic・LQFP(0.5mm pitch), 48-pins
(FPT-48P-M49)
S6E1A12C0AGV2
S6E1A11C0AGN2
Plastic・QFN(0.5mm pitch), 48-pins
(LCC-48P-M74)
S6E1A12C0AGN2
S6E1A11C0AGF2
Plastic・LQFP(0.65mm pitch), 52-pins
(FPT-52P-M02)
S6E1A12C0AGF2
4.
PACKAGE EXAMPLE OF
REFERENCE
Plastic ・ LQFP、48-pins
(FPT-48P-M49)


Similar Part No. - S6E1A1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1A11B0A CYPRESS-S6E1A11B0A Datasheet
1Mb / 95P
   32-Bit ARM짰 Cortex짰 FM0 based Microcontroller
S6E1A11B0AGN2 CYPRESS-S6E1A11B0AGN2 Datasheet
1Mb / 95P
   32-Bit ARM짰 Cortex짰 FM0 based Microcontroller
S6E1A11B0AGN20000 CYPRESS-S6E1A11B0AGN20000 Datasheet
2Mb / 96P
   32-bit ARM짰 Cortex짰-M0FM0 Microcontroller
S6E1A11B0AGN2B000 CYPRESS-S6E1A11B0AGN2B000 Datasheet
2Mb / 96P
   32-bit ARM짰 Cortex짰-M0FM0 Microcontroller
S6E1A11B0AGP2 CYPRESS-S6E1A11B0AGP2 Datasheet
1Mb / 95P
   32-Bit ARM짰 Cortex짰 FM0 based Microcontroller
More results

Similar Description - S6E1A1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E1A CYPRESS-S6E1A Datasheet
2Mb / 96P
   32-bit ARM짰 Cortex짰-M0FM0 Microcontroller
S6E1C1 CYPRESS-S6E1C1 Datasheet
2Mb / 100P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1B3 CYPRESS-S6E1B3 Datasheet
1Mb / 115P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1C CYPRESS-S6E1C Datasheet
3Mb / 109P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1A11B0A CYPRESS-S6E1A11B0A Datasheet
1Mb / 95P
   32-Bit ARM짰 Cortex짰 FM0 based Microcontroller
S6E1B8 CYPRESS-S6E1B8 Datasheet
1Mb / 128P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6E1C3 CYPRESS-S6E1C3 Datasheet
2Mb / 107P
   32-bit ARM짰 Cortex짰-M0 FM0 Microcontroller
S6J327C CYPRESS-S6J327C Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
MB9D560 CYPRESS-MB9D560 Datasheet
2Mb / 91P
   32-bit Microcontroller TraveoTM Family
S6E2C4 CYPRESS-S6E2C4 Datasheet
447Kb / 3P
   32-bit Microcontroller FM4 Family
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com