Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25V02A-DGTR Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # FM25V02A-DGTR
Description  256-Kbit (32K 횞 8) Serial (SPI) F-RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V02A-DGTR Datasheet(HTML) 3 Page - Cypress Semiconductor

  FM25V02A-DGTR Datasheet HTML 1Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 2Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 3Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 4Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 5Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 6Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 7Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 8Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
FM25V02A
Document Number: 001-90865 Rev. *F
Page 3 of 23
Pinouts
Figure 1. 8-pin SOIC Pinout
Figure 2. 8-pin DFN Pinout
Pin Definitions
Pin Name
I/O Type
Description
SCK
Input
Serial Clock. All I/O activity is synchronized to the serial clock. Inputs are latched on the rising edge
and outputs occur on the falling edge. Because the device is synchronous, the clock frequency may
be any value between 0 and 40 MHz and may be interrupted at any time.
CS
Input
Chip Select. This active LOW input activates the device. When HIGH, the device enters the
low-power standby mode, ignores other inputs, and the output is tristated. When LOW, the device
internally activates the SCK signal. A falling edge on CS must occur before every opcode.
SI[1]
Input
Serial Input. All data is input to the device on this pin. The pin is sampled on the rising edge of SCK
and is ignored at other times. It should always be driven to a valid logic level to meet IDD specifica-
tions.
SO[1]
Output
Serial Output. This is the data output pin. It is driven during a read and remains tristated at all other
times including when HOLD is LOW. Data transitions are driven on the falling edge of the serial clock.
WP
Input
Write Protect. This active LOW pin prevents write operation to the Status Register when WPEN is
set to ‘1’. This is critical because other write protection features are controlled through the Status
Register. A complete explanation of write protection is provided on Status Register and Write
Protection on page 7. This pin must be tied to VDD if not used.
HOLD
Input
HOLD Pin. The HOLD pin is used when the host CPU must interrupt a memory operation for another
task. When HOLD is LOW, the current operation is suspended. The device ignores any transition
on SCK or CS. All transitions on HOLD must occur while SCK is LOW. This pin has a weak internal
pull-up (refer to the RIN spec in DC Electrical Characteristics).
VSS
Power supply Ground for the device. Must be connected to the ground of the system.
VDD
Power supply Power supply input to the device.
EXPOSED PAD
No connect
The EXPOSED PAD on the bottom of 8-pin DFN package is not connected to the die. The EXPOSED
PAD should not be soldered on the PCB.
HOLD
SCK
1
2
3
4
5
CS
8
7
6
VDD
SI
SO
Top View
not to scale
VSS
WP
SO
CS
VSS
WP
SI
VDD
SCK
HOLD
1
2
45
6
7
8
3
O
PAD
EXPOSED
Top View
not to scale
Note
1. SI may be connected to SO for a single pin data interface
.


Similar Part No. - FM25V02A-DGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02-DG RAMTRON-FM25V02-DG Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25V02A-DGTR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com