Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25V40-GC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # FM25V40-GC
Description  4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V40-GC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button FM25V40-GC Datasheet HTML 3Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 4Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 5Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 6Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 7Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 8Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 9Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 10Page - Cypress Semiconductor FM25V40-GC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PRELIMINARY
FM25V40
Document Number: 001-87288 Rev. *A
Page 7 of 23
Status Register and Write Protection
The write protection features of the FM25V40 are multi-tiered
and are enabled through the status register. The Status Register
is organized as follows. (The default value shipped from the
factory for bit 0, WEL, BP0, BP1, bits 4–5, WPEN is ‘0’, and for
bit 6 is ‘1’).
Bits 0 and 4-5 are fixed at ‘0’ and bit 6 is fixed at ‘1’; none of these
bits can be modified. Note that bit 0 ("Ready or Write in progress”
bit in serial flash and EEPROM) is unnecessary, as the F-RAM
writes in real-time and is never busy, so it reads out as a ‘0’. An
exception to this is when the device is waking up from sleep
mode, which is described in Sleep Mode on page 11. The BP1
and BP0 control the software write-protection features and are
nonvolatile bits. The WEL flag indicates the state of the Write
Enable Latch. Attempting to directly write the WEL bit in the
Status Register has no effect on its state. This bit is internally set
and cleared via the WREN and WRDI commands, respectively.
BP1 and BP0 are memory block write protection bits. They
specify portions of memory that are write-protected as shown in
Table 4.
The BP1 and BP0 bits and the Write Enable Latch are the only
mechanisms that protect the memory from writes. The remaining
write protection features protect inadvertent changes to the block
protect bits.
The write protect enable bit (WPEN) in the Status Register
controls the effect of the hardware write protect (WP) pin. When
the WPEN bit is set to '0', the status of the WP pin is ignored.
When the WPEN bit is set to '1', a LOW on the WP pin inhibits a
write to the Status Register. Thus the Status Register is
write-protected only when WPEN = '1' and WP = '0'.
Table 5 summarizes the write protection conditions.
Table 2. Status Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPEN (0)
X (1)
X (0)
X (0)
BP1 (0)
BP0 (0)
WEL (0)
X (0)
Table 3. Status Register Bit Definition
Bit
Definition
Description
Bit 0
Don’t care
This bit is non-writable and always returns ‘0’ upon read.
Bit 1 (WEL)
Write Enable
WEL indicates if the device is write enabled. This bit defaults to ‘0’ (disabled) on power-up.
WEL = '1' --> Write enabled
WEL = '0' --> Write disabled
Bit 2 (BP0)
Block Protect bit ‘0’
Used for block protection. For details, see Table 4 on page 7.
Bit 3 (BP1)
Block Protect bit ‘1’
Used for block protection. For details, see Table 4 on page 7.
Bit 4-5
Don’t care
These bits are non-writable and always return ‘0’ upon read.
Bit 6
Don’t care
This bit is non-writable and always returns ‘1’ upon read.
Bit 7 (WPEN)
Write Protect Enable bit Used to enable the function of Write Protect Pin (WP). For details, see Table 5 on page 7.
Table 4. Block Memory Write Protection
BP1
BP0
Protected Address Range
0
0
None
0
1
60000h to 7FFFFh (upper 1/4)
1
0
40000h to 7FFFFh (upper 1/2)
1
1
00000h to 7FFFFh (all)
Table 5. Write Protection
WEL WPEN WP
Protected
Blocks
Unprotected
Blocks
Status
Register
0
X
X
Protected
Protected
Protected
1
0
X
Protected
Unprotected
Unprotected
1
1
0
Protected
Unprotected
Protected
1
1
1
Protected
Unprotected
Unprotected


Similar Part No. - FM25V40-GC

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V01 CYPRESS-FM25V01 Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25V40-GC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B104Q CYPRESS-CY15B104Q Datasheet
847Kb / 22P
   4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
FM25V20A CYPRESS-FM25V20A Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B102Q CYPRESS-CY15B102Q Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) Automotive F-RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL_10 Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com