Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25V40 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # FM25V40
Description  4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V40 Datasheet(HTML) 4 Page - Cypress Semiconductor

  FM25V40 Datasheet HTML 1Page - Cypress Semiconductor FM25V40 Datasheet HTML 2Page - Cypress Semiconductor FM25V40 Datasheet HTML 3Page - Cypress Semiconductor FM25V40 Datasheet HTML 4Page - Cypress Semiconductor FM25V40 Datasheet HTML 5Page - Cypress Semiconductor FM25V40 Datasheet HTML 6Page - Cypress Semiconductor FM25V40 Datasheet HTML 7Page - Cypress Semiconductor FM25V40 Datasheet HTML 8Page - Cypress Semiconductor FM25V40 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
PRELIMINARY
FM25V40
Document Number: 001-87288 Rev. *A
Page 4 of 23
Overview
The FM25V40 is a serial F-RAM memory. The memory array is
logically organized as 524,288× 8 bits and is accessed using an
industry-standard serial peripheral interface (SPI) bus. The
functional operation of the F-RAM is similar to serial flash and
serial EEPROMs. The major difference between the FM25V40
and a serial flash or EEPROM with the same pinout is the
F-RAM's superior write performance, high endurance, and low
power consumption.
Memory Architecture
When accessing the FM25V40, the user addresses 512K
locations of eight data bits each. These eight data bits are shifted
in or out serially. The addresses are accessed using the SPI
protocol, which includes a chip select (to permit multiple devices
on the bus), an opcode, and a three-byte address. The upper 5
bits of the address range are 'don't care' values. The complete
address of 19 bits specifies each byte address uniquely.
Most functions of the FM25V40 are either controlled by the SPI
interface or handled by on-board circuitry. The access time for
the memory operation is essentially zero, beyond the time
needed for the serial protocol. That is, the memory is read or
written at the speed of the SPI bus. Unlike a serial flash or
EEPROM, it is not necessary to poll the device for a ready
condition because writes occur at bus speed. By the time a new
bus transaction can be shifted into the device, a write operation
is complete. This is explained in more detail in the interface
section.
Serial Peripheral Interface – SPI Bus
The FM25V40 is a SPI slave device and operates at speeds up
to
40
MHz.
This
high-speed
serial
bus
provides
high-performance serial communication to a SPI master. Many
common microcontrollers have hardware SPI ports allowing a
direct interface. It is quite simple to emulate the port using
ordinary port pins for microcontrollers that do not. The FM25V40
operates in SPI Mode 0 and 3.
SPI Overview
The SPI is a four-pin interface with Chip Select (CS), Serial Input
(SI), Serial Output (SO), and Serial Clock (SCK) pins.
The SPI is a synchronous serial interface, which uses clock and
data pins for memory access and supports multiple devices on
the data bus. A device on the SPI bus is activated using the CS
pin.
The relationship between chip select, clock, and data is dictated
by the SPI mode. This device supports SPI modes 0 and 3. In
both of these modes, data is clocked into the F-RAM on the rising
edge of SCK starting from the first rising edge after CS goes
active.
The SPI protocol is controlled by opcodes. These opcodes
specify the commands from the bus master to the slave device.
After CS is activated, the first byte transferred from the bus
master is the opcode. Following the opcode, any addresses and
data are then transferred. The CS must go inactive after an
operation is complete and before a new opcode can be issued.
The commonly used terms in the SPI protocol are as follows:
SPI Master
The SPI master device controls the operations on a SPI bus. An
SPI bus may have only one master with one or more slave
devices. All the slaves share the same SPI bus lines and the
master may select any of the slave devices using the CS pin. All
of the operations must be initiated by the master activating a
slave device by pulling the CS pin of the slave LOW. The master
also generates the SCK and all the data transmission on SI and
SO lines are synchronized with this clock.
SPI Slave
The SPI slave device is activated by the master through the Chip
Select line. A slave device gets the SCK as an input from the SPI
master and all the communication is synchronized with this
clock. An SPI slave never initiates a communication on the SPI
bus and acts only on the instruction from the master.
The FM25V40 operates as an SPI slave and may share the SPI
bus with other SPI slave devices.
Chip Select (CS)
To select any slave device, the master needs to pull down the
corresponding CS pin. Any instruction can be issued to a slave
device only while the CS pin is LOW. When the device is not
selected, data through the SI pin is ignored and the serial output
pin (SO) remains in a high-impedance state.
Note A new instruction must begin with the falling edge of CS.
Therefore, only one opcode can be issued for each active Chip
Select cycle.
Serial Clock (SCK)
The Serial Clock is generated by the SPI master and the
communication is synchronized with this clock after CS goes
LOW.
The FM25V40 enables SPI modes 0 and 3 for data
communication. In both of these modes, the inputs are latched
by the slave device on the rising edge of SCK and outputs are
issued on the falling edge. Therefore, the first rising edge of SCK
signifies the arrival of the first bit (MSB) of a SPI instruction on
the SI pin. Further, all data inputs and outputs are synchronized
with SCK.
Data Transmission (SI/SO)
The SPI data bus consists of two lines, SI and SO, for serial data
communication. SI is also referred to as Master Out Slave In
(MOSI) and SO is referred to as Master In Slave Out (MISO). The
master issues instructions to the slave through the SI pin, while
the slave responds through the SO pin. Multiple slave devices
may share the SI and SO lines as described earlier.
The FM25V40 has two separate pins for SI and SO, which can
be connected with the master as shown in Figure 3.


Similar Part No. - FM25V40

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V01 CYPRESS-FM25V01 Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25V40

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B104Q CYPRESS-CY15B104Q Datasheet
847Kb / 22P
   4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
FM25V20A CYPRESS-FM25V20A Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B102Q CYPRESS-CY15B102Q Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) Automotive F-RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL_10 Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com