Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AQW614 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part No. AQW614
Description  GU (General Use) Type [2-Channel (Form A Form B) Type]
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQW614 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  AQW614 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQW614 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQW614 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AQW614
79
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
Note: Recommendable LED forward current IF = 5 mA.
For type of connection, see page 32.
*Operate/Reverse time
Item
Symbol
AQW614
Condition
Input
LED operate (OFF) current
Typical
IFon (N.O.)
IFoff (N.C.)
0.7 mA (N.O.) 0.9 mA (N.C.)
IL = 100 mA
Maximum
3 mA
LED reverse (ON) current
Minimum
IFoff (N.O.)
IFon (N.C.)
0.4 mA
IL = 100 mA
Typical
0.7 mA (N.O.) 0.8 mA (N.C.)
LED dropout voltage
Typical
VF
1.14 V (1.25 V at IF = 50 mA)
IF = 5 mA
Maximum
1.5 V
Output
On resistance
Typical
Ron
27
IF = 5 mA (N.O.)
IF = 0 mA (N.C.)
IL = 100 mA
within 1 s on time
Maximum
50
Off state leakage current
Maximum
ILeak
1
µA
IF = 0 mA (N.O.)
IF = 5 mA (N.C.)
VL = 400 V
Transfer
characteristics
Operate (OFF) time*
Typical
Ton (N.O.)
Toff (N.C.)
0.28 ms (N.O.) 0.43 ms (N.C.)
IF = 0 mA ¨ 5 mA
IL = 100 mA
Maximum
1 ms
Reverse (ON) time*
Typical
Toff (N.O.)
Ton (N.C.)
0.04 ms (N.O.) 0.3 ms (N.C.)
IF = 5 mA ¨ 0 mA
IL = 100 mA
Maximum
1 ms
I/O capacitance
Typical
Ciso
0.8 pF
f = 1 MHz
VB = 0
Maximum
1.5 pF
Initial I/O isolation resistance
Minimum
Riso
1,000 M
500 V DC
1) N.O.
2) N.C.
Ton
Input
Output
10%
90%
Toff
Toff
Input
Output
10%
90%
Ton
REFERENCE DATA
1. Load current vs. ambient temperature char-
acteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
2. On resistance vs. ambient temperature char-
acteristics
Measured portion: between terminals 5 and 6, 7 and 8;
LED current: 5 mA; Load voltage: 400 V (DC);
Continuous load current: 100 mA (DC)
3. Operate (OFF) time vs. ambient temperature
characteristics
LED current: 5 mA;
Load voltage: 400 V (DC);
Continuous load current: 100 mA (DC)
0
–20
20
40
100
120
100
80
60
40
20
0
–40
60
8085
Ambient temperature,
°C
0
–20
20
40
60
8085
60
50
40
30
20
10
0
–40
Between terminal 5 and 6 (N.O.)
Between terminal 7 and 8 (N.C.)
Ambient temperature,
°C
0
–20
20
40
60
8085
1.2
1.0
0.8
0.6
0.4
0.2
0
–40
Between terminal 5 and 6 (N.O.)
Between terminal 7 and 8 (N.C.)
Ambient temperature,
°C


Similar Part No. - AQW614

ManufacturerPart No.DatasheetDescription
Nais(Matsushita Electric Works)
Nais(Matsushita Electri...
AQW614EH NAIS-AQW614EH Datasheet
48Kb / 3P
   PhotoMOS RELAYS
Panasonic Semiconductor
Panasonic Semiconductor
AQW614EH PANASONIC-AQW614EH Datasheet
88Kb / 4P
   Both NO and NC contacts incorporated in a compact DIP8-pin Reinforced insulation
Nais(Matsushita Electric Works)
Nais(Matsushita Electri...
AQW614EHA NAIS-AQW614EHA Datasheet
48Kb / 3P
   PhotoMOS RELAYS
Panasonic Semiconductor
Panasonic Semiconductor
AQW614EHA PANASONIC-AQW614EHA Datasheet
88Kb / 4P
   Both NO and NC contacts incorporated in a compact DIP8-pin Reinforced insulation
Nais(Matsushita Electric Works)
Nais(Matsushita Electri...
AQW614EHAX NAIS-AQW614EHAX Datasheet
48Kb / 3P
   PhotoMOS RELAYS
More results

Similar Description - AQW614

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
Nais(Matsushita Electric Works)
Nais(Matsushita Electri...
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
   GU (General Use)-E Type 2-Channel (Form A) Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
List of Unclassifed Manufacturers
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
Nais(Matsushita Electric Works)
Nais(Matsushita Electri...
AQW210HL NAIS-AQW210HL Datasheet
46Kb / 3P
   GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
Panasonic Battery Group
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
   GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
Panasonic Semiconductor
Panasonic Semiconductor
AQY282EH PANASONIC-AQY282EH Datasheet
738Kb / 5P
   GU (General Use)-E-Type [1,2-Channel (Form A) 5,6-Pin Type]
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz