Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC005-BDC-WF Datasheet(PDF) 11 Page - Cymbet Corporation

Part # CBC005-BDC-WF
Description  Rechargeable Solid State Bare Die Batteries
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC005-BDC-WF Datasheet(HTML) 11 Page - Cymbet Corporation

Back Button CBC005-BDC-WF Datasheet HTML 5Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 6Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 7Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 8Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 9Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 10Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 11Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 12Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 13Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
EnerChip™ Bare Die Batteries
©2016 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-41 Rev06
Page 11 of 13
Preliminary
CBC005 Bare Die Dimensions
Notes:
1. All Dimensions in Microns
2. The Positive and Negative
battery terminals on the CBC005
are in a reversed position from the
CBC050
CBC005 Bare Die Cathode Pad Cross-Section
(Not to Scale)
CBC005 Bare Die Anode Pad Cross-Section
(Not to Scale)


Similar Part No. - CBC005-BDC-WF

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC005-BDC-WP CYMBET-CBC005-BDC-WP Datasheet
369Kb / 3P
   Rechargeable Energy Storage Device: 5Ah, 3.8V
More results

Similar Description - CBC005-BDC-WF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B73180A0101M062 TDK-B73180A0101M062 Datasheet
151Kb / 2P
   SMD Solid-State Batteries
April 06, 2022
logo
Panasonic Battery Group
NBL414 PANASONICBATTERY-NBL414 Datasheet
26Kb / 1P
   Niobium-Lithium Rechargeable Batteries
logo
Cymbet Corporation
CBC012 CYMBET-CBC012 Datasheet
695Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC050 CYMBET-CBC050 Datasheet
1,001Kb / 4P
   Rechargeable Solid State Energy Storage: 50uAh, 3.8V
DS-72-02 CYMBET-DS-72-02 Datasheet
679Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
logo
Panasonic Battery Group
MT621 PANASONICBATTERY-MT621 Datasheet
37Kb / 1P
   Manganese Titanium Lithium Rechargeable Batteries
MT516 PANASONICBATTERY-MT516 Datasheet
27Kb / 1P
   Manganese Titanium Lithium Rechargeable Batteries
logo
List of Unclassifed Man...
ML2016 ETC2-ML2016 Datasheet
134Kb / 4P
   Lithium Manganese Dioxide Rechargeable Batteries
logo
Silicon Supplies
BC546 SS-BC546 Datasheet
362Kb / 4P
   NPN Transistor Bare Die
2N3799 SS-2N3799 Datasheet
256Kb / 3P
   PNP Transistor Bare Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com