Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC005-BDC-WF Datasheet(PDF) 6 Page - Cymbet Corporation

Part # CBC005-BDC-WF
Description  Rechargeable Solid State Bare Die Batteries
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC005-BDC-WF Datasheet(HTML) 6 Page - Cymbet Corporation

Back Button CBC005-BDC-WF Datasheet HTML 2Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 3Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 4Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 5Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 6Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 7Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 8Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 9Page - Cymbet Corporation CBC005-BDC-WF Datasheet HTML 10Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
EnerChip™ Bare Die Batteries
©2016 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-41 Rev06
Page 6 of 13
Preliminary
ENERCHIP CHARGING GUIDELINES
As with other rechargeable batteries, discharge capacity and cycle life are a function of charge voltage,
discharge cutoff voltage, depth-of-discharge, temperature, and other factors. The system designer must
understand the effect of these factors when designing the charge control circuit. Cymbet encourages all
designers to utilize the CBC910 Power Management IC (datasheet is DS-72-11) to optimize performance.
• Never charge EnerChip batteries before soldering or exposing to temperatures above the specified
operating temperatures. The EnerChip will be damaged or may not work at all.
• Never apply more than 4.3V across the battery terminals as cycle life will be dramatically reduced.
• There is no need to externally limit the charging current of small surface-mount batteries. The intrinsic
cell resistance is sufficient to limit the current to an acceptable level as long as the applied voltage does
not exceed 4.3V.
• The charging voltage and charge time determine the amount of charge delivered to, and accessible
from, the battery. A higher charging voltage will deliver more charge, but will also result in greater
long-term capacity fade as a function of charge/discharge cycling. Figure 1 shows trade-offs between
charging voltage, charge capacity and cycle fade.
• The batteries may be charged at a constant current (CC) followed by a constant voltage (CV). During the
CC phase, the current may be set to any value that results in an acceptable charging time and does not
cause the battery voltage to exceed 4.3V.
• CV charging will normally result in faster charging times than the combined CC-CV approach. The latter
may become necessary with future, larger batteries with lower intrinsic cell resistance. Please refer to
the Operating Characteristics data tables for these batteries.
Figure 1: Effect of Charging Voltage on Battery Charge and Cycle Fade
0
10
20
30
40
50
60
0102030405060708090100
Cycles
4.3V
4.2V
4.15V
4.1V
4.0V


Similar Part No. - CBC005-BDC-WF

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC005-BDC-WP CYMBET-CBC005-BDC-WP Datasheet
369Kb / 3P
   Rechargeable Energy Storage Device: 5Ah, 3.8V
More results

Similar Description - CBC005-BDC-WF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B73180A0101M062 TDK-B73180A0101M062 Datasheet
151Kb / 2P
   SMD Solid-State Batteries
April 06, 2022
logo
Panasonic Battery Group
NBL414 PANASONICBATTERY-NBL414 Datasheet
26Kb / 1P
   Niobium-Lithium Rechargeable Batteries
logo
Cymbet Corporation
CBC012 CYMBET-CBC012 Datasheet
695Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC050 CYMBET-CBC050 Datasheet
1,001Kb / 4P
   Rechargeable Solid State Energy Storage: 50uAh, 3.8V
DS-72-02 CYMBET-DS-72-02 Datasheet
679Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
logo
Panasonic Battery Group
MT621 PANASONICBATTERY-MT621 Datasheet
37Kb / 1P
   Manganese Titanium Lithium Rechargeable Batteries
MT516 PANASONICBATTERY-MT516 Datasheet
27Kb / 1P
   Manganese Titanium Lithium Rechargeable Batteries
logo
List of Unclassifed Man...
ML2016 ETC2-ML2016 Datasheet
134Kb / 4P
   Lithium Manganese Dioxide Rechargeable Batteries
logo
Silicon Supplies
BC546 SS-BC546 Datasheet
362Kb / 4P
   NPN Transistor Bare Die
2N3799 SS-2N3799 Datasheet
256Kb / 3P
   PNP Transistor Bare Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com